Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

R5F107DEM Datasheet(PDF) 30 Page - Renesas Technology Corp

No. de pieza R5F107DEM
Descripción Electrónicos  Ultra-Low Power Technology
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F107DEM Datasheet(HTML) 30 Page - Renesas Technology Corp

Back Button R5F107DEM Datasheet HTML 26Page - Renesas Technology Corp R5F107DEM Datasheet HTML 27Page - Renesas Technology Corp R5F107DEM Datasheet HTML 28Page - Renesas Technology Corp R5F107DEM Datasheet HTML 29Page - Renesas Technology Corp R5F107DEM Datasheet HTML 30Page - Renesas Technology Corp R5F107DEM Datasheet HTML 31Page - Renesas Technology Corp R5F107DEM Datasheet HTML 32Page - Renesas Technology Corp R5F107DEM Datasheet HTML 33Page - Renesas Technology Corp R5F107DEM Datasheet HTML 34Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 107 page
background image
RL78/I1A
2. ELECTRICAL SPECIFICATIONS (G: Industrial applications, TA =  40 to +105C)
Page 30 of 105
R01DS0171EJ0310 Rev.3.10
Oct 31, 2016
2.4 AC Characteristics
(TA =
40 to +105C, 2.7 V  VDD  5.5 V, VSS = 0 V)
Items
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Instruction cycle (minimum
instruction execution time)
TCY
Main system
clock (fMAIN)
operation
HS (high-speed main) mode
0.03125
1
s
LS (low-speed
main) mode
TA =
40 to +85C
0.125
1
s
Subsystem clock (fSUB) operation
28.5
30.5
31.3
s
In the self
programming
mode
HS (high-speed main) mode
0.03125
1
s
LS (low-speed
main) mode
TA =
40 to +85C
0.125
1
s
External system clock frequency
fEX
1.0
20.0
MHz
fEXS
32
35
kHz
External system clock input high-
level width, low-level width
tEXH, tEXL
24
ns
tEXHS, tEXLS
13.7
s
TI03, TI05, TI06, TI07 input high-
level width, low-level width
tTIH,
tTIL
2/fMCK+10
ns
TO03, TO05, TO06, TKBO00,
TKBO01, TKBO10, TKBO11,
TKBO20, TKBO21, TKCO00 to
TKCO05 output frequency
(When duty = 50%)
fTO
HS (high-speed main)
mode
4.0 V
 VDD  5.5 V
8
MHz
2.7 V
 VDD < 4.0 V
4
MHz
LS (low-speed main)
mode, TA =
40 to +85C
4.0 V
 VDD  5.5 V
4
MHz
2.7 V
 VDD < 4.0 V
2
MHz
Interrupt input high-level width,
low-level width
tINTH,
tINTL
INTP0, INTP3, INTP4, INTP9 to INTP11,
INTP20 to INTP23
1
s
RESET low-level width
tRSL
10
s
Remark fMCK: Timer array unit operation clock frequency
(Operation clock to be set by the CKS0n bit of timer mode register 0n (TMR0n). n: Channel number (n = 0
to 7))



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com