Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

R5F107DEM Datasheet(PDF) 59 Page - Renesas Technology Corp

No. de pieza R5F107DEM
Descripción Electrónicos  Ultra-Low Power Technology
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F107DEM Datasheet(HTML) 59 Page - Renesas Technology Corp

Back Button R5F107DEM Datasheet HTML 55Page - Renesas Technology Corp R5F107DEM Datasheet HTML 56Page - Renesas Technology Corp R5F107DEM Datasheet HTML 57Page - Renesas Technology Corp R5F107DEM Datasheet HTML 58Page - Renesas Technology Corp R5F107DEM Datasheet HTML 59Page - Renesas Technology Corp R5F107DEM Datasheet HTML 60Page - Renesas Technology Corp R5F107DEM Datasheet HTML 61Page - Renesas Technology Corp R5F107DEM Datasheet HTML 62Page - Renesas Technology Corp R5F107DEM Datasheet HTML 63Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 107 page
background image
RL78/I1A
2. ELECTRICAL SPECIFICATIONS (G: Industrial applications, TA =  40 to +105C)
Page 59 of 105
R01DS0171EJ0310 Rev.3.10
Oct 31, 2016
2.10 Timing of Entry to Flash Memory Programming Modes
(TA =
40 to +105C, 2.7 V  VDD  5.5 V, VSS = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
How long from when an external
reset ends until the initial
communication settings are
specified
tSUINIT
POR and LVD reset must end before the
external reset ends.
100
ms
How long from when the TOOL0 pin
is placed at the low level until an
external reset ends
tSU
POR and LVD reset must end before the
external reset ends.
10
s
How long the TOOL0 pin must be
kept at the low level after a reset
ends
(except soft processing time)
tHD
POR and LVD reset must end before the
external reset ends.
1
ms
RESET
TOOL0
<1>
<2>
<3>
tSUINIT
723
μs + tHD
processing
time
tSU
<4>
00H reception
(TOOLRxD, TOOLTxD mode)
<1> The low level is input to the TOOL0 pin.
<2> The external reset ends (POR and LVD reset must end before the pin reset ends.).
<3> The TOOL0 pin is set to the high level.
<4> Complete the baud rate setting by UART reception.
Remark tSUINIT: The segment shows that it is necessary to finish specifying the initial communication settings within
100 ms from when the resets end.
tSU:
How long from when the TOOL0 pin is placed at the low level until an external reset ends
tHD:
How long to keep the TOOL0 pin at the low level from when the external and internal resets end
(except soft processing time)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com