Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

R5F107DEM Datasheet(PDF) 69 Page - Renesas Technology Corp

No. de pieza R5F107DEM
Descripción Electrónicos  Ultra-Low Power Technology
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F107DEM Datasheet(HTML) 69 Page - Renesas Technology Corp

Back Button R5F107DEM Datasheet HTML 65Page - Renesas Technology Corp R5F107DEM Datasheet HTML 66Page - Renesas Technology Corp R5F107DEM Datasheet HTML 67Page - Renesas Technology Corp R5F107DEM Datasheet HTML 68Page - Renesas Technology Corp R5F107DEM Datasheet HTML 69Page - Renesas Technology Corp R5F107DEM Datasheet HTML 70Page - Renesas Technology Corp R5F107DEM Datasheet HTML 71Page - Renesas Technology Corp R5F107DEM Datasheet HTML 72Page - Renesas Technology Corp R5F107DEM Datasheet HTML 73Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 107 page
background image
RL78/I1A
3. ELECTRICAL SPECIFICATIONS (M: Industrial applications, TA =  40 to +125C)
Page 69 of 105
R01DS0171EJ0310 Rev.3.10
Oct 31, 2016
(TA =
40 to +125C, 2.7 V  VDD  5.5 V, VSS = 0 V)
Items
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Input leakage
current, high
ILIH1
P02, P03, P05, P06, P10 to P12,
P20 to P22, P24 to P27, P30,
P31, P40, P75 to P77, P120,
P137, P147, P200 to P206,
RESET
VI = VDD
1
A
ILIH2
P121 to P124
(X1, X2, XT1, XT2, EXCLK,
EXCLKS)
VI = VDD
In input port or
external clock
input
1
A
In resonator
connection
10
A
Input leakage
current, low
ILIL1
P02, P03, P05, P06, P10 to P12,
P20 to P22, P24 to P27, P30,
P31, P40, P75 to P77, P120,
P137, P147, P200 to P206,
RESET
VI = VSS
1
A
ILIL2
P121 to P124
(X1, X2, XT1, XT2, EXCLK,
EXCLKS)
VI = VSS
In input port or
external clock
input
1
A
In resonator
connection
10
A
On-chip pull-up
resistance
RU
P02, P03, P05, P06, P10 to P12,
P30, P31, P40, P75 to P77, P120,
P147, P200 to P206
VI = VSS, In input port
10
20
100
k
Remark Unless specified otherwise, the characteristics of alternate-function pins are the same as those of the
port pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com