Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

R5F107DEM Datasheet(PDF) 74 Page - Renesas Technology Corp

No. de pieza R5F107DEM
Descripción Electrónicos  Ultra-Low Power Technology
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F107DEM Datasheet(HTML) 74 Page - Renesas Technology Corp

Back Button R5F107DEM Datasheet HTML 70Page - Renesas Technology Corp R5F107DEM Datasheet HTML 71Page - Renesas Technology Corp R5F107DEM Datasheet HTML 72Page - Renesas Technology Corp R5F107DEM Datasheet HTML 73Page - Renesas Technology Corp R5F107DEM Datasheet HTML 74Page - Renesas Technology Corp R5F107DEM Datasheet HTML 75Page - Renesas Technology Corp R5F107DEM Datasheet HTML 76Page - Renesas Technology Corp R5F107DEM Datasheet HTML 77Page - Renesas Technology Corp R5F107DEM Datasheet HTML 78Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 107 page
background image
RL78/I1A
3. ELECTRICAL SPECIFICATIONS (M: Industrial applications, TA =  40 to +125C)
Page 74 of 105
R01DS0171EJ0310 Rev.3.10
Oct 31, 2016
(TA =
40 to +125C, 2.7 V  VDD  5.5 V, VSS = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Low-speed on-
chip oscillator
operating current
IFIL
Note 1
0.20
A
RTC operating
current
IRTC
Notes 1, 2, 3
0.02
A
12-bit interval timer
operating current
IIT
Notes 1, 2, 4
0.02
A
Watchdog timer
operating current
IWDT
Notes 1, 2, 5
fIL = 15 kHz
0.22
A
A/D converter
operating current
IADC
Notes 1, 6
When conversion at
maximum speed
Normal mode, AVREFP = VDD = 5.0 V
1.3
1.7
mA
A/D converter
reference voltage
current
IADREF
Note 1
75.0
A
Temperature
sensor operating
current
ITMPS
Note 1
75.0
A
LVD operating
current
ILVD
Notes 1, 7
0.08
A
Self-programming
operating current
IFSP
Notes 1, 8
2.5
12.2
mA
Programmable
gain amplifier
operating current
IPGA
Note 9
AVREFP = VDD = 5.0 V
0.21
0.37
mA
AVREFP = VDD = 3.0 V
0.18
0.35
mA
Comparator
operating current
ICMP
Note 10
When one comparator channel is
operating
AVREFP = VDD = 5.0 V
41.4
74
A
AVREFP = VDD = 3.0 V
37.2
71
A
IVREF
When one internal reference voltage
circuit is operating
AVREFP = VDD = 5.0 V
14.8
31
A
AVREFP = VDD = 3.0 V
8.9
24
A
Programmable
gain amplifier/
comparator
reference current
source
IIREF
Note 11
AVREFP = VDD = 5.0 V
3.2
6.1
A
AVREFP = VDD = 3.0 V
2.9
4.9
A
BGO operating
current
IBGO
Note 12
2.50
12.2
mA
SNOOZE
operating current
ISNOZ
Note 1
A/D converter
operation
The mode is performed
Note 13
0.50
1.10
mA
The A/D conversion operations are performed,
Normal mode, AVREFP = VDD = 5.0 V
1.20
2.17
mA
CSI/UART operation
0.70
1.27
mA
(Notes and Remarks are listed on the next page.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com