Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

R5F107DEM Datasheet(PDF) 10 Page - Renesas Technology Corp

No. de pieza R5F107DEM
Descripción Electrónicos  Ultra-Low Power Technology
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F107DEM Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button R5F107DEM Datasheet HTML 6Page - Renesas Technology Corp R5F107DEM Datasheet HTML 7Page - Renesas Technology Corp R5F107DEM Datasheet HTML 8Page - Renesas Technology Corp R5F107DEM Datasheet HTML 9Page - Renesas Technology Corp R5F107DEM Datasheet HTML 10Page - Renesas Technology Corp R5F107DEM Datasheet HTML 11Page - Renesas Technology Corp R5F107DEM Datasheet HTML 12Page - Renesas Technology Corp R5F107DEM Datasheet HTML 13Page - Renesas Technology Corp R5F107DEM Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 107 page
background image
RL78/I1A
1. OUTLINE
Page 10 of 105
Under development
R01DS0171EJ0310 Rev.3.10
Oct 31, 2016
1.5.3 38-pin products
PORT 1
P10 to P12
PORT 2
P20 to P22,
P24 to P27
7
PORT 3
P30, P31
2
PORT 4
3
PORT 12
P121 to P124
P40
VOLTAGE
REGULATOR
REGC
INTERRUPT
CONTROL
RAM
DATA
FLASH
MEMORY
POWER ON RESET/
VOLTAGE
DETECTOR
POR/LVD
CONTROL
RESET CONTROL
SYSTEM
CONTROL
RESET
X1/P121
X2/EXCLK/P122
HIGH-SPEED
ON-CHIP
OSCILLATOR
ON-CHIP DEBUG
TOOL0/P40
SERIAL ARRAY
UNIT0 (4ch)
UART0
UART1
RxD0/P11
TxD0/P10
RxD1/P03
TxD1/P02
TIMER ARRAY
UNIT (8ch)
ch2
ch3
TI03/TO03/P31
ch0
ch1
ch4
ch5
TI05/TO05/P05
ch6
TI06/TO06/P06
ch7
INTP9/P75 to
INTP11/P77
INTP0/P137
INTP3/P30,
INTP4/P31
RxD0/P11
A/D CONVERTER
7
6
6
ANI0/P20 to ANI2/P22,
ANI4/P24 to ANI7/P27
CMP0P/P22,
CMP1P/P24 to CMP4P/P27,
CMP5P/P03
AVREFP/P20
CMPCOM/P147
AVREFM/P21
4
P120
PORT 13
P137
(TI07)/RxD0/P11(LIN-bus, DMX512)
BCD
ADJUSTMENT
SCK00/P12
SO00/P10
SI00/P11
CSI00
VSS
VDD
SERIAL
INTERFACE IICA
SDAA0/P11
SCLA0/P10
3
2
INTP22/P200
INTP23/P206
INTP20/P10(INTP20/P203)
INTP21/P11(INTP21/P202)
MULTIPLIER&
DIVIDER,
MULTIPLY-
ACCUMULATOR
XT1/P123
XT2/EXCLKS/P124
PORT 0
P02, P03, P05, P06
4
PROGRAMMABLE
GAIN AMPLIFIER
6
CMP0P/P22,
CMP1P/P24 to CMP4P/P27,
CMP5P/P03
COMPARATOR
6
16-bit TIMER KC0
4
ANI16/P03, ANI17/P02,
ANI18/P147, ANI19/P120
SERIAL ARRAY
UNIT4 (2ch)
UART4
SINGLE-WIRE UART
DALIRxD4/P206(DALIRxD4/P11)
DALITxD4/P205(DALITxD4/P10)
TxRx4/P206(TxRx4/P11)
DIRECT MEMORY
ACCESS CONTROL
PORT 7
P75 to P77
3
PORT 20
P200 to P206
7
PORT 14
P147
TKBO00/P200, TKBO01/P201,
TKBO10/P202, TKBO11/P203,
TKBO20/P204, TKBO21/P205
TKCO00/P10, TKCO01/P11,
TKCO02/P203,TKCO03/P204(TKCO03/P12),
TKCO04/P205,TKCO05/P206
RL78
CPU
CORE
CODE FLASH MEMORY
DATA FLASH MEMORY
16-bit TIMER KB0 to KB2
LIN-bus, DMX512
WINDOW
WATCHDOG
TIMER
REAL-TIME
CLOCK
LOW-SPEED
ON-CHIP
OSCILLATOR
12- BIT INTERVAL
TIMER
CRC
DALI, DMX512
Remark Functions in parentheses in the above figure can be assigned via settings in the peripheral I/O
redirection register (PIOR1) or the input switch control register (ISC). See Figure 4-8 Format of
Peripheral I/O Redirection Register (PIOR1) and Figure 15-20 Format of Input Switch Control
Register (ISC) in the RL78/I1A User's Manual.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com