Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

R5F107DEM Datasheet(PDF) 99 Page - Renesas Technology Corp

No. de pieza R5F107DEM
Descripción Electrónicos  Ultra-Low Power Technology
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F107DEM Datasheet(HTML) 99 Page - Renesas Technology Corp

Back Button R5F107DEM Datasheet HTML 95Page - Renesas Technology Corp R5F107DEM Datasheet HTML 96Page - Renesas Technology Corp R5F107DEM Datasheet HTML 97Page - Renesas Technology Corp R5F107DEM Datasheet HTML 98Page - Renesas Technology Corp R5F107DEM Datasheet HTML 99Page - Renesas Technology Corp R5F107DEM Datasheet HTML 100Page - Renesas Technology Corp R5F107DEM Datasheet HTML 101Page - Renesas Technology Corp R5F107DEM Datasheet HTML 102Page - Renesas Technology Corp R5F107DEM Datasheet HTML 103Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 107 page
background image
RL78/I1A
3. ELECTRICAL SPECIFICATIONS (M: Industrial applications, TA =  40 to +125C)
Page 99 of 105
R01DS0171EJ0310 Rev.3.10
Oct 31, 2016
3.6.5 POR circuit characteristics
(TA =
40 to +125C, VSS = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Detection voltage
VPOR
Power supply rise time
1.45
1.51
1.62
V
VPDR
Power supply fall time
1.44
1.50
1.61
V
Minimum pulse width
Note
TPW
300
s
Note Minimum time required for a POR reset when VDD exceeds below VPDR. This is also the minimum time
required for a POR reset from when VDD exceeds below 0.7 V to when VDD exceeds VPOR while STOP mode
is entered or the main system clock is stopped through setting bit 0 (HIOSTOP) and bit 7 (MSTOP) in the
clock operation status control register (CSC).
TPW
VPOR
VPDR or 0.7 V
Supply voltage (VDD)
3.6.6 LVD circuit characteristics
LVD Detection Voltage of Reset Mode and Interrupt Mode
(TA =
40 to +125C, VPDR  VDD  5.5 V, VSS = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Detection
voltage
Supply voltage level
VLVD0
Power supply rise time
3.97
4.06
4.25
V
Power supply fall time
3.89
3.98
4.15
V
VLVD1
Power supply rise time
3.67
3.75
3.93
V
Power supply fall time
3.59
3.67
3.83
V
VLVD2
Power supply rise time
3.06
3.13
3.28
V
Power supply fall time
2.99
3.06
3.20
V
VLVD3
Power supply rise time
2.95
3.02
3.17
V
Power supply fall time
2.89
2.96
3.09
V
VLVD4
Power supply rise time
2.85
2.92
3.07
V
Power supply fall time
2.79
2.86
2.99
V
VLVD5
Power supply rise time
2.75
2.81
2.95
V
Power supply fall time
2.70
2.75
2.88
V
Minimum pulse width
tLW
300
s
Detection delay time
300
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com