Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

R5F107DEM Datasheet(PDF) 58 Page - Renesas Technology Corp

No. de pieza R5F107DEM
Descripción Electrónicos  Ultra-Low Power Technology
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F107DEM Datasheet(HTML) 58 Page - Renesas Technology Corp

Back Button R5F107DEM Datasheet HTML 54Page - Renesas Technology Corp R5F107DEM Datasheet HTML 55Page - Renesas Technology Corp R5F107DEM Datasheet HTML 56Page - Renesas Technology Corp R5F107DEM Datasheet HTML 57Page - Renesas Technology Corp R5F107DEM Datasheet HTML 58Page - Renesas Technology Corp R5F107DEM Datasheet HTML 59Page - Renesas Technology Corp R5F107DEM Datasheet HTML 60Page - Renesas Technology Corp R5F107DEM Datasheet HTML 61Page - Renesas Technology Corp R5F107DEM Datasheet HTML 62Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 107 page
background image
RL78/I1A
2. ELECTRICAL SPECIFICATIONS (G: Industrial applications, TA =  40 to +105C)
Page 58 of 105
R01DS0171EJ0310 Rev.3.10
Oct 31, 2016
2.8 Flash Memory Programming Characteristics
(TA =
40 to +105C, 2.7 V  VDD  5.5 V, VSS = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
CPU/peripheral hardware clock
frequency
fCLK
2.7 V
 VDD  5.5 V
1
32
MHz
Number of code flash
rewrites
Notes 1, 2, 3
Cerwr
Retained for 20 years, TA = 85
CNote 3
1,000
Times
Number of data flash
rewrites
Notes 1, 2, 3
Retained for 1 year, TA = 25
CNote 3
1,000,000
Retained for 5 years, TA = 85
CNote 3
100,000
Retained for 20 years, TA = 85
CNote 3
10,000
Notes 1. 1 erase + 1 write after the erase is regarded as 1 rewrite. The retaining years are until next rewrite after
the rewrite.
2. When using flash memory programmer and Renesas Electronics self programming library
3. These are the characteristics of the flash memory and the results obtained from reliability testing by
Renesas Electronics Corporation.
2.9 Dedicated Flash Memory Programmer Communication (UART)
(TA =
40 to +105C, 2.7 V  VDD  5.5 V, VSS = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Transfer rate
During serial programming
115.2 k
1 M
bps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com