Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

R5F107DEM Datasheet(PDF) 75 Page - Renesas Technology Corp

No. de pieza R5F107DEM
Descripción Electrónicos  Ultra-Low Power Technology
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F107DEM Datasheet(HTML) 75 Page - Renesas Technology Corp

Back Button R5F107DEM Datasheet HTML 71Page - Renesas Technology Corp R5F107DEM Datasheet HTML 72Page - Renesas Technology Corp R5F107DEM Datasheet HTML 73Page - Renesas Technology Corp R5F107DEM Datasheet HTML 74Page - Renesas Technology Corp R5F107DEM Datasheet HTML 75Page - Renesas Technology Corp R5F107DEM Datasheet HTML 76Page - Renesas Technology Corp R5F107DEM Datasheet HTML 77Page - Renesas Technology Corp R5F107DEM Datasheet HTML 78Page - Renesas Technology Corp R5F107DEM Datasheet HTML 79Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 107 page
background image
RL78/I1A
3. ELECTRICAL SPECIFICATIONS (M: Industrial applications, TA =  40 to +125C)
Page 75 of 105
R01DS0171EJ0310 Rev.3.10
Oct 31, 2016
Notes 1. Current flowing to the VDD.
2. When the high-speed on-chip oscillator and high-speed system clock are stopped.
3. Current flowing only to the real-time clock (RTC) (excluding the operating current of the low-speed on-
chip oscillator and the XT1 oscillator). The supply current of the RL78 microcontrollers is the sum of the
values of either IDD1 or IDD2, and IRTC, when the real-time clock is operating in operating mode or in HALT
mode. When the low-speed on-chip oscillator is selected, IFIL should be added. IDD2 subsystem clock
operation includes the operational current of the real-time clock.
4. Current flowing only to the 12-bit interval timer (excluding the operating current of the XT1 oscillator and
fIL operating current). The current of the RL78 microcontrollers is the sum of the values of either IDD1 or
IDD2, and IIT, when the 12-bit interval timer operates in operation mode or HALT mode. When the low-
speed on-chip oscillator is selected, IFIL should be added.
5. Current flowing only to the watchdog timer (including the operating current of the low-speed on-chip
oscillator). The supply current value of the RL78 microcontrollers is the sum of IDD1, IDD2 or IDD3, and IWDT,
when the watchdog timer is operating.
6. Current flowing only to the A/D converter. The supply current value of the RL78 microcontrollers is the
sum of IDD1 or IDD2 and IADC, when the A/D converter is operating in operating mode or in HALT mode.
7. Current flowing only to the LVD circuit. The supply current of the RL78 microcontrollers is the sum of IDD1,
IDD2 or IDD3 and ILVD when the LVD circuit is in operation.
8. Current flowing during self-programming operation.
9. Current flowing only to the programmable gain amplifier.
The supply current value of the RL78
microcontrollers is the sum of IDD1, IDD2 or IDD3, and IPGA, when the programmable gain amplifier is
operating in operating mode or in HALT mode.
10. Current flowing only to the comparator. The supply current value of the RL78 microcontrollers is the sum
of IDD1, IDD2 or IDD3, and ICMP, when the comparator is operating.
11. This is the current required to flow to VDD pin of the current circuit that is used as the programmable gain
amplifier and the comparator.
12. Current flowing only during data flash rewrite.
13. See 21.3.3 SNOOZE mode in the RL78/I1A User's Manual for shift time to the SNOOZE mode.
Remarks 1. fIL:
Low-speed on-chip oscillator clock frequency
2. fSUB: Subsystem clock frequency (XT1 clock oscillation frequency)
3. fCLK: CPU/peripheral hardware clock frequency
4. Temperature condition of the TYP. value is TA = 25
C
5. Example of calculating current value when using programmable gain amplifier and comparator.
Examples 1) TYP. operating current value when three comparator channels, one internal reference
voltage generator, and PGA are operating (when AVREFP = VDD = 5.0 V)
ICMP × 3 + IVREF + IPGA + IIREF
= 41.4 [
A] × 3 + 14.8 [A] × 1 + 210 [A] + 3.2 [A]
= 352.2 [
A]
Examples 2) TYP. operating current value when using two comparator channels, without using
internal reference voltage generator (when AVREFP = VDD = 5.0 V)
ICMP × 2 + IIREF
= 41.4 [
A] × 2 + 3.2 [A]
= 86.0 [
A]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com