Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

R5F107DEM Datasheet(PDF) 11 Page - Renesas Technology Corp

No. de pieza R5F107DEM
Descripción Electrónicos  Ultra-Low Power Technology
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F107DEM Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button R5F107DEM Datasheet HTML 7Page - Renesas Technology Corp R5F107DEM Datasheet HTML 8Page - Renesas Technology Corp R5F107DEM Datasheet HTML 9Page - Renesas Technology Corp R5F107DEM Datasheet HTML 10Page - Renesas Technology Corp R5F107DEM Datasheet HTML 11Page - Renesas Technology Corp R5F107DEM Datasheet HTML 12Page - Renesas Technology Corp R5F107DEM Datasheet HTML 13Page - Renesas Technology Corp R5F107DEM Datasheet HTML 14Page - Renesas Technology Corp R5F107DEM Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 107 page
background image
RL78/I1A
1. OUTLINE
Page 11 of 105
Under development
R01DS0171EJ0310 Rev.3.10
Oct 31, 2016
1.6 Outline of Functions
Caution This outline describes the functions at the time when Peripheral I/O redirection register
(PIOR1) is set to 00H.
(1/3)
Item
20-pin
30-pin
38-pin
R5F1076C
R5F107AC
R5F107AE
R5F107DE
Code flash memory (KB)
32
32
64
64
Data flash memory (KB)
4
4
4
4
RAM (KB)
2
2
4
Note 1
4
Note 1
Address space
1 MB
Main system
clock
High-speed system
clock
X1 (crystal/ceramic) oscillation, external main system clock input (EXCLK)
HS (High-speed main) mode: 1 to 20 MHz (VDD = 2.7 to 5.5 V),
LS (Low-speed main) mode: 1 to 8 MHz (VDD = 2.7 to 5.5 V)
High-speed on-chip
oscillator
HS (High-speed main) mode: 1 to 32 MHz (VDD = 2.7 to 5.5 V),
LS (Low-speed main) mode: 1 to 8 MHz (VDD = 2.7 to 5.5 V)
Clock for 16-bit timers KB0 to KB2,
and KC0
64 MHz (TYP.)
Subsystem clock (38-pin products
only)
XT1 (crystal) oscillation, external subsystem clock input (EXCLKS)
32.768 kHz
Low-speed on-chip oscillator
15 kHz (TYP.)
General-purpose register
(8-bit register
 8)  4 banks
Minimum instruction execution time
0.03125
s (High-speed on-chip oscillator: fIH = 32 MHz operation)
0.05
s (High-speed system clock: fMX = 20 MHz operation)
30.5
s (Subsystem clock: fSUB = 32.768 kHz operation) (38-pin products only)
Instruction set
 8-bit operation, 16-bit operation
 Multiplication (8 bits  8 bits)
 Bit manipulation (Set, reset, test, and Boolean operation), etc.
I/O port
Total
16
26
34
CMOS I/O
13
23
29
CMOS input
3
3
5
CMOS output
Timer
16-bit timer TAU
8 channels (no timer
output)
8 channels (timer output: 1, PWM output: 1
Note 2)
8 channels (timer
outputs: 3, PWM
outputs: 3
Note 2)
16-bit timer KB
2 channels (PWM
outputs: 4)
3 channels (PWM outputs: 6)
16-bit timer KC
1 channel (PWM
outputs: 3)
1 channel (PWM outputs: 6)
Notes 1.
This is about 3 KB when the self-programming function and data flash function are used. (For details,
see CHAPTER 3 in the RL78/I1A User's Manual.)
2.
The number of PWM outputs varies depending on the setting of channels in use (the number of
masters and slaves) (see 6.9.3 Operation as multiple PWM output function in the RL78/I1A
User's Manual).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com