Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

R5F107DEM Datasheet(PDF) 41 Page - Renesas Technology Corp

No. de pieza R5F107DEM
Descripción Electrónicos  Ultra-Low Power Technology
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F107DEM Datasheet(HTML) 41 Page - Renesas Technology Corp

Back Button R5F107DEM Datasheet HTML 37Page - Renesas Technology Corp R5F107DEM Datasheet HTML 38Page - Renesas Technology Corp R5F107DEM Datasheet HTML 39Page - Renesas Technology Corp R5F107DEM Datasheet HTML 40Page - Renesas Technology Corp R5F107DEM Datasheet HTML 41Page - Renesas Technology Corp R5F107DEM Datasheet HTML 42Page - Renesas Technology Corp R5F107DEM Datasheet HTML 43Page - Renesas Technology Corp R5F107DEM Datasheet HTML 44Page - Renesas Technology Corp R5F107DEM Datasheet HTML 45Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 107 page
background image
RL78/I1A
2. ELECTRICAL SPECIFICATIONS (G: Industrial applications, TA =  40 to +105C)
Page 41 of 105
R01DS0171EJ0310 Rev.3.10
Oct 31, 2016
(6) Communication at different potential (2.5 V, 3 V) (CSI mode) (master mode, SCKp... internal clock output)
(TA =
40 to +105C Note 3, 2.7 V  VDD  5.5 V, VSS = 0 V)
Parameter
Symbol
Conditions
HS (high-speed main) Mode LS (low-speed main) Mode Unit
MIN.
MAX.
MIN.
MAX.
SCKp cycle
time
tKCY1
tKCY1
 4/fCLK 4.0 V  VDD  5.5 V,
2.7 V
 Vb  4.0 V,
Cb = 30 pF, Rb = 1.4 k
300
1150
ns
2.7 V
 VDD < 4.0 V,
2.3 V
 Vb  2.7 V,
Cb = 30 pF, Rb = 2.7 k
500
1150
ns
SCKp high-level
width
tKH1
4.0 V
 VDD  5.5 V, 2.7 V  Vb  4.0 V,
Cb = 30 pF, Rb = 1.4 k
tKCY1/2
 75
tKCY1/2
 75
ns
2.7 V
 VDD < 4.0 V, 2.3 V  Vb  2.7 V,
Cb = 30 pF, Rb = 2.7 k
tKCY1/2
 170
tKCY1/2
 170
ns
SCKp low-level
width
tKL1
4.0 V
 VDD  5.5 V, 2.7 V  Vb  4.0 V,
Cb = 30 pF, Rb = 1.4 k
tKCY1/2
 12
tKCY1/2
 50
ns
2.7 V
 VDD < 4.0 V, 2.3 V  Vb  2.7 V,
Cb = 30 pF, Rb = 2.7 k
tKCY1/2
 18
tKCY1/2
 50
ns
SIp setup time
(to SCKp
)
Note 1
tSIK1
4.0 V
 VDD  5.5 V, 2.7 V  Vb  4.0 V,
Cb = 30 pF, Rb = 1.4 k
81
479
ns
2.7 V
 VDD < 4.0 V, 2.3 V  Vb  2.7 V,
Cb = 30 pF, Rb = 2.7 k
177
479
ns
SIp hold time
(from SCKp
)
Note 1
tKSI1
4.0 V
 VDD  5.5 V, 2.7 V  Vb  4.0 V,
Cb = 30 pF, Rb = 1.4 k
19
19
ns
2.7 V
 VDD < 4.0 V, 2.3 V  Vb  2.7 V,
Cb = 30 pF, Rb = 2.7 k
19
19
ns
Delay time from
SCKp
 to
SOp output
Note 1
tKSO1
4.0 V
 VDD  5.5 V, 2.7 V  Vb  4.0 V,
Cb = 30 pF, Rb = 1.4 k
100
100
ns
2.7 V
 VDD < 4.0 V, 2.3 V  Vb  2.7 V,
Cb = 30 pF, Rb = 2.7 k
195
195
ns
SIp setup time
(to SCKp
)Note 2
tSIK1
4.0 V
 VDD  5.5 V, 2.7 V  Vb  4.0 V,
Cb = 30 pF, Rb = 1.4 k
44
110
ns
2.7 V
 VDD < 4.0 V, 2.3 V  Vb  2.7 V,
Cb = 30 pF, Rb = 2.7 k
44
110
ns
SIp hold time
(from SCKp
)
Note 2
tKSI1
4.0 V
 VDD  5.5 V, 2.7 V  Vb  4.0 V,
Cb = 30 pF, Rb = 1.4 k
19
19
ns
2.7 V
 VDD < 4.0 V, 2.3 V  Vb  2.7 V,
Cb = 30 pF, Rb = 2.7 k
19
19
ns
Delay time from
SCKp
 to
SOp output
Note 2
tKSO1
4.0 V
 VDD  5.5 V, 2.7 V  Vb  4.0 V,
Cb = 30 pF, Rb = 1.4 k
25
25
ns
2.7 V
 VDD < 4.0 V, 2.3 V  Vb  2.7 V,
Cb = 30 pF, Rb = 2.7 k
25
25
ns
Notes
1. When DAPmn = 0 and CKPmn = 0, or DAPmn = 1 and CKPmn = 1.
2. When DAPmn = 0 and CKPmn = 1, or DAPmn = 1 and CKPmn = 0.
3. Operating conditions of LS (low-speed main) mode is TA =
40 to +85 C.
(Caution and Remarks are listed on the next page.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com