Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DP83826AE Datasheet(PDF) 26 Page - Texas Instruments

No. de pieza DP83826AE
Descripción Electrónicos  DP83826Ax Deterministic, Low-Latency, Low-Power, 10/100 Mbps, Industrial Ethernet PHY
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI2 [Texas Instruments]
Página de inicio  https://www.ti.com
Logo TI2 - Texas Instruments

DP83826AE Datasheet(HTML) 26 Page - Texas Instruments

Back Button DP83826AE Datasheet HTML 22Page - Texas Instruments DP83826AE Datasheet HTML 23Page - Texas Instruments DP83826AE Datasheet HTML 24Page - Texas Instruments DP83826AE Datasheet HTML 25Page - Texas Instruments DP83826AE Datasheet HTML 26Page - Texas Instruments DP83826AE Datasheet HTML 27Page - Texas Instruments DP83826AE Datasheet HTML 28Page - Texas Instruments DP83826AE Datasheet HTML 29Page - Texas Instruments DP83826AE Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 113 page
background image
8.2 Functional Block Diagram
MII / RMII Interface
10BASE-Te
And
100BASE-TX
Transmit Block
10BASE-Te
And
100BASE-TX
Receive Block
MII
Registers
Auto-Negotiation
Wake-on-LAN
Energy Efficient Ethernet
Clock
Generation
TX
Data
TX_CLK
RX_CLK
RX
Data
DAC
ADC
BIST
Auto-MDIX
Reference
Clock
Cable Diagnostics
TD±
RD±
LED
Driver
LEDs
MII Option
RMII Option
Serial
Management
8.3 Feature Description
8.3.1 Auto-Negotiation (Speed/Duplex Selection)
Auto-Negotiation provides a mechanism for exchanging configuration information between the two ends of a
link segment. This mechanism is implemented by exchanging fast link pulses (FLP). FLPs are burst pulses
that provide the information used to communicate the abilities between two devices at each end of a link
segment. The DP83826Ax supports 100BASE-TX and 10BASE-Te modes of operation for auto-negotiation.
Auto-negotiation makes sure that the highest common speed is selected based on the advertised abilities of the
link partner and the local device. Auto-negotiation can be enabled or disabled in hardware, using the bootstrap,
or by register configuration, using bit[12] in the BASIC mode Control Register (BMCR, address 0x0000). For
further details regarding auto-negotiation, refer to Clause 28 of the IEEE 802.3 specification.
DP83826AE, DP83826AI
SNLS783 – MAY 2025
www.ti.com
26
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: DP83826AE DP83826AI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com