Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DP83826AE Datasheet(PDF) 3 Page - Texas Instruments

No. de pieza DP83826AE
Descripción Electrónicos  DP83826Ax Deterministic, Low-Latency, Low-Power, 10/100 Mbps, Industrial Ethernet PHY
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI2 [Texas Instruments]
Página de inicio  https://www.ti.com
Logo TI2 - Texas Instruments

DP83826AE Datasheet(HTML) 3 Page - Texas Instruments

  DP83826AE Datasheet HTML 1Page - Texas Instruments DP83826AE Datasheet HTML 2Page - Texas Instruments DP83826AE Datasheet HTML 3Page - Texas Instruments DP83826AE Datasheet HTML 4Page - Texas Instruments DP83826AE Datasheet HTML 5Page - Texas Instruments DP83826AE Datasheet HTML 6Page - Texas Instruments DP83826AE Datasheet HTML 7Page - Texas Instruments DP83826AE Datasheet HTML 8Page - Texas Instruments DP83826AE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 113 page
background image
4 Mode Comparison Tables
The DP83826Ax can be strapped to operate in either ENHANCED mode or BASIC mode. ENHANCED mode
allows the DP83826Ax to support real-time Ethernet applications in addition to standard Ethernet applications.
BASIC mode allows the DP83826Ax to support standard Ethernet applications. Additionally, the DP83826Ax
pinout in BASIC mode matches a common PHY pinout used in many applications.
Table 4-1. Selecting ENHANCED Mode or BASIC Mode
ENHANCED Mode
BASIC Mode
Leave ModeSelect (Pin 1) unconnected or Connect pin to VDDIO
through pullup resistor
Short ModeSelect (Pin 1) to GND
Table 4-2. Pin Map Difference Between ENHANCED Mode and BASIC Mode
PIN NO.
ENHANCED MODE
BASIC MODE
31
CLKOUT/LED1
LED1/TX_ER
21
PWRDN/INT
INT
Table 4-3. Hardware Bootstraps Difference Between ENHANCED Mode and BASIC Mode
HARDWARE BOOTSTRAPS
ENHANCED Mode(3)
BASIC Mode
Fast link-drop enable and disable(1)
Yes
No (Always enabled)
Fast link-drop detection mechanism
Strap controllable
Strap controllable
Auto-MDIX enable and disable(1)
Yes
No
Force MDI/MDIX selection(1)
Yes
No
RMII back-to-back repeater mode configuration(2)
Yes
No
MII or RMII selection
Yes
Yes
Speed selection (10M or 100M)
No
Yes
MII isolate enable and disable
No
Yes
Auto-negotiation enable and disable
Yes
Yes
Number of PHY addresses available
8
8
Half or full duplex selection
No
Yes
CLKOUT in place of LED1
Yes
No
Odd Nibble Detection
Strap controllable
Disabled by default
(1)
These pin bootstraps enable the ENHANCED mode DP83826Ax to meet the stringent requirements of real-time Ethernet applications.
(2)
This pin bootstrap enables the ENHANCED mode DP83826Ax to function as an RMII repeater.
(3)
ENHANCED mode includes all the modes of operation BASIC mode can be configured to. The difference is, in these modes of
operation, ENHANCED mode requires register configuration.
Note
For standardized list of Ethernet related acronyms, refer to Chinese and English Definitions of
Acronyms Related to Ethernet Products.
www.ti.com
DP83826AE, DP83826AI
SNLS783 – MAY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: DP83826AE DP83826AI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com