Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DP83826AE Datasheet(PDF) 68 Page - Texas Instruments

No. de pieza DP83826AE
Descripción Electrónicos  DP83826Ax Deterministic, Low-Latency, Low-Power, 10/100 Mbps, Industrial Ethernet PHY
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI2 [Texas Instruments]
Página de inicio  https://www.ti.com
Logo TI2 - Texas Instruments

DP83826AE Datasheet(HTML) 68 Page - Texas Instruments

Back Button DP83826AE Datasheet HTML 64Page - Texas Instruments DP83826AE Datasheet HTML 65Page - Texas Instruments DP83826AE Datasheet HTML 66Page - Texas Instruments DP83826AE Datasheet HTML 67Page - Texas Instruments DP83826AE Datasheet HTML 68Page - Texas Instruments DP83826AE Datasheet HTML 69Page - Texas Instruments DP83826AE Datasheet HTML 70Page - Texas Instruments DP83826AE Datasheet HTML 71Page - Texas Instruments DP83826AE Datasheet HTML 72Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 113 page
background image
Table 8-39. PHYSCR Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
2
Test Interrupt
R/W
0h
Test Interrupt:
Forces the PHY to generate an interrupt to facilitate interrupt testing.
Interrupts continue to be generated as long as this bit remains set.
0h = Do not generate interrupt
1h = Generate an interrupt
1
Interrupt Enable
RH/W
X
Interrupt Enable:
Enable interrupt dependent on the event enables in the MISR
register (0x0012).
0h = Disable event based interrupts. Default for ENHANCED mode.
1h = Enable event based interrupts. Default for BASIC mode.
0
Interrupt Output Enable
RH/W
X
Interrupt Output Enable:
Enable active low interrupt events via the INTR/PWERDN pin by
configuring the INTR/PWRDN pin as an output( for ENHANCED
mode)
0h = INTR/PWRDN is a Power Down pin. Default for ENHANCED
mode.
1h = INTR/PWRDN is an interrupt output. Default for BASIC mode.
8.5.1.18 MISR1 Register (Offset = 12h) [Reset = 0000h]
MISR1 Register is shown in Table 8-40.
Return to the Summary Table.
Table 8-40. MISR1 Register Field Descriptions
Bit
Field
Type
Reset
Description
15
Link Quality Interrupt
RC
0h
Change of Link Quality Status Interrupt:
0h = Link quality is Good
1h = Change of link quality when link is ON
14
Energy Detect Interrupt
RC
0h
Change of Energy Detection Status Interrupt:
0h = No change of energy detected
1h = Change of energy detected
13
Link Status Changed
Interrupt
RC
0h
Change of Link Status Interrupt:
0h = No change of link status
1h = Change of link status interrupt is pending
12
Speed Changed Interrupt
RC
0h
Change of Speed Status Interrupt:
0h = No change of speed status
1h = Change of speed status interrupt is pending
11
Duplex Mode Changed
Interrupt
RC
0h
Change of Duplex Status Interrupt:
0h = No change of duplex status
1h = Change of duplex status interrupt is pending
10
Auto-Negotiation
Completed Interrupt
RC
0h
Auto-Negotiation Complete Interrupt:
0h = No Auto-Negotiation complete event is pending
1h = Auto-Negotiation complete interrupt is pending
9
False Carrier Counter
Half-Full Interrupt
RC
0h
False Carrier Counter Half-Full Interrupt:
0h = False Carrier half-full event is not pending
1h = False Carrier counter (Register FCSCR, address 0x0014)
exceeds half-full interrupt is pending
8
Receive Error Counter
Half-Full Interrupt
RC
0h
Receiver Error Counter Half-Full Interrupt:
0h = Receive Error half-full event is not pending
1h = Receive Error counter (Register RECR, address 0x0015)
exceeds half-full interrupt is pending
7
Link Quality Interrupt
Enable
R/W
0h
Enable interrupt on change of link quality
6
Energy Detect Interrupt
Enable
R/W
0h
Enable interrupt on change of energy detection
5
Link Status Changed
Enable
R/W
0h
Enable interrupt on change of link status
DP83826AE, DP83826AI
SNLS783 – MAY 2025
www.ti.com
68
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: DP83826AE DP83826AI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com