Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DP83826AE Datasheet(PDF) 85 Page - Texas Instruments

No. de pieza DP83826AE
Descripción Electrónicos  DP83826Ax Deterministic, Low-Latency, Low-Power, 10/100 Mbps, Industrial Ethernet PHY
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI2 [Texas Instruments]
Página de inicio  https://www.ti.com
Logo TI2 - Texas Instruments

DP83826AE Datasheet(HTML) 85 Page - Texas Instruments

Back Button DP83826AE Datasheet HTML 81Page - Texas Instruments DP83826AE Datasheet HTML 82Page - Texas Instruments DP83826AE Datasheet HTML 83Page - Texas Instruments DP83826AE Datasheet HTML 84Page - Texas Instruments DP83826AE Datasheet HTML 85Page - Texas Instruments DP83826AE Datasheet HTML 86Page - Texas Instruments DP83826AE Datasheet HTML 87Page - Texas Instruments DP83826AE Datasheet HTML 88Page - Texas Instruments DP83826AE Datasheet HTML 89Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 113 page
background image
Table 8-80. LED2 register Register Field Descriptions
Bit
Field
Type
Reset
Description
15-6
RESERVED
R
0h
Reserved
5-3
RESERVED
R/W
1h
Reserved
2-0
cfg_led2_gpio_ctrl
RH/W
0h
GPIO Configuration for LED2. Default determined by STRAP.
0h = LED2
1h = Reserved
2h = WoL
3h = COL
4h = Interrupt
5h = COL
6h = COL
7h = High
8.5.1.59 LED3 register Register (Offset = 306h) [Reset = 0008h]
LED3 register is shown in Table 8-81.
Return to the Summary Table.
Table 8-81. LED3 register Register Field Descriptions
Bit
Field
Type
Reset
Description
15-6
RESERVED
R
0h
Reserved
5-3
RESERVED
R/W
1h
Reserved
2-0
cfg_led3_gpio_ctrl
R/W
0h
GPIO Configuration for LED3:
0h = LED3
1h = Reserved
2h = WoL
3h = CRS
4h = Interrupt
5h = CRS
6h = CRS
7h = High
8.5.1.60 CLK_OUT_LED_STATUS register Register (Offset = 308h) [Reset = 0002h]
CLK_OUT_LED_STATUS register is shown in Table 8-82.
Return to the Summary Table.
Table 8-82. CLK_OUT_LED_STATUS register Register Field Descriptions
Bit
Field
Type
Reset
Description
15-1
RESERVED
R/W
1h
Reserved
0
cfg_clkout_25m_off_status RH
0h
This bit is applicable in ENHANCED mode only
0h = CLKOUT25 available
1h = LED1_GPIO is available
8.5.1.61 VOD_CFG1 Register (Offset = 30Bh) [Reset = 3C00h]
VOD_CFG1 Register is shown in Table 8-83.
Return to the Summary Table.
Table 8-83. VOD_CFG1 Register Field Descriptions
Bit
Field
Type
Reset
Default
from OTP
Description
15-14
RESERVED
R
0h
Reserved
www.ti.com
DP83826AE, DP83826AI
SNLS783 – MAY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
85
Product Folder Links: DP83826AE DP83826AI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com