Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DP83826AE Datasheet(PDF) 14 Page - Texas Instruments

No. de pieza DP83826AE
Descripción Electrónicos  DP83826Ax Deterministic, Low-Latency, Low-Power, 10/100 Mbps, Industrial Ethernet PHY
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI2 [Texas Instruments]
Página de inicio  https://www.ti.com
Logo TI2 - Texas Instruments

DP83826AE Datasheet(HTML) 14 Page - Texas Instruments

Back Button DP83826AE Datasheet HTML 10Page - Texas Instruments DP83826AE Datasheet HTML 11Page - Texas Instruments DP83826AE Datasheet HTML 12Page - Texas Instruments DP83826AE Datasheet HTML 13Page - Texas Instruments DP83826AE Datasheet HTML 14Page - Texas Instruments DP83826AE Datasheet HTML 15Page - Texas Instruments DP83826AE Datasheet HTML 16Page - Texas Instruments DP83826AE Datasheet HTML 17Page - Texas Instruments DP83826AE Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 113 page
background image
7.5 Electrical Characteristics (continued)
Over operating free-air temperature range with VDDA3V3 = 3.3V (unless otherwise noted)(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
I(AVDD3V3
=3V3)
100 BaseTx EEE mode
100 BaseTx link in EEE mode with LPIs
ON
15
mA
I(AVDD3V3
=3V3)
IEEE Power Down
11
mA
Active Sleep
18
mA
RESET
12.5
mA
I(VDDIO=3
V3)
100 BaseTx EEE mode
100 BaseTx link in EEE mode with LPIs
ON
6
mA
I(VDDIO=3
V3)
IEEE Power Down
10.5
mA
Active Sleep
10.5
mA
RESET
10.5
mA
I(VDDIO=1
V8)
100 BaseTx EEE mode
100 BaseTx link in EEE mode with LPIs
ON
4
mA
I(VDDIO=1
V8)
IEEE Power Down
5.5
mA
Active Sleep
5.5
mA
RESET
5.5
mA
Bootstrap DC Characteristics (2 Level)
VIH_3v3
High level bootstrap threshold : 3V3
1.3
V
VIL_3v3
Low level bootstrap threshold : 3V3
0.6
V
VIH_1v8
High level bootstrap threshold:1V8
1.3
V
VIL_1v8
Low level bootstrap threshold :1V8
0.6
V
Crystal oscillator
COSC_EXT External load capacitance
15
30
pF
IO
VIH_3V3
High level input voltage
VDDIO = 3.3V ±10%
1.7
V
VIL_3V3
Low level input voltage
VDDIO = 3.3V ±10%
0.8
V
VOH_3V3 High level output voltage
IOH = –2mA, VDDIO = 3.3V ±10%
2.4
V
VOL_3V3
Low level output voltage
IOL = 2mA, VDDIO = 3.3V ±10%
0.8
V
VIH_1V8
High level input voltage
VDDIO = 1.8V ±10%
0.65 x
VDDIO
V
VIL_1V8
Low level input voltage
VDDIO = 1.8V ±10%
0.35 x
VDDIO
V
VOH_1V8 High level output voltage
IOH = –2mA, VDDIO = 1.8V ±10%
VDDIO –
0.45
V
VOL_1V8
Low level output voltage
IOL = 2mA, VDDIO = 1.8V ±10%
0.45
V
IIH
Input high current
TA = –40℃ to 85℃, VIN=VDDIO
15
µA
TA = –40℃ to 105℃, VIN=VDDIO
25
µA
IIL
Input low current
TA = –40℃ to 85℃, VIN=GND
15
µA
TA = –40℃ to 105℃, VIN=GND
25
µA
IOZH
Tri-state output high current
TA = –40℃ to 85℃
–15
15
µA
TA = –40℃ to 105℃
–25
25
µA
IOZL
Tri-state output low current
TA = –40℃ to 85℃
–15
15
µA
TA = –40℃ to 105℃
–25
25
µA
RPD
Internal pull down resistor
7.5
10
12.5
kΩ
RPU
Internal pull up resistor
7.5
10
12.5
kΩ
CIN
Input capacitance
XI pin
1
pF
Input pins
5
pF
DP83826AE, DP83826AI
SNLS783 – MAY 2025
www.ti.com
14
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: DP83826AE DP83826AI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com