Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DP83826AE Datasheet(PDF) 6 Page - Texas Instruments

No. de pieza DP83826AE
Descripción Electrónicos  DP83826Ax Deterministic, Low-Latency, Low-Power, 10/100 Mbps, Industrial Ethernet PHY
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI2 [Texas Instruments]
Página de inicio  https://www.ti.com
Logo TI2 - Texas Instruments

DP83826AE Datasheet(HTML) 6 Page - Texas Instruments

Back Button DP83826AE Datasheet HTML 2Page - Texas Instruments DP83826AE Datasheet HTML 3Page - Texas Instruments DP83826AE Datasheet HTML 4Page - Texas Instruments DP83826AE Datasheet HTML 5Page - Texas Instruments DP83826AE Datasheet HTML 6Page - Texas Instruments DP83826AE Datasheet HTML 7Page - Texas Instruments DP83826AE Datasheet HTML 8Page - Texas Instruments DP83826AE Datasheet HTML 9Page - Texas Instruments DP83826AE Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 113 page
background image
Table 5-1. Pin Functions (ENHANCED Mode) (continued)
PIN
TYPE (1)
DESCRIPTION
NAME
NO
PWRDN/INT
21
Reset: I, PU
Active: I/O, PU
Power down (default), interrupt: The default function of this pin is power down. Register
access is required to configure this pin as an interrupt. In power down function, an active
low signal on this pin places the device in power down mode. When this pin is configured as
an interrupt pin, this pin is asserted low when an interrupt condition occurs. The pin has an
open-drain output with a weak internal pullup resistor (9.5kΩ). Some applications require an
external PU resistor.
TX_CLK
22
Reset: I, PD
Active: O
Strap5
MII transmit clock: MII transmit clock provides a 25MHz reference clock for 100Mbps speed
and a 2.5MHz reference clock for 10Mbps speed. Note that in MII mode, this clock has
constant phase referenced to the input clock. Unused in RMII Mode.
TX_EN
23
Reset: I, PD
Active: I, PD
Transmit enable: TX_EN is presented on the rising edge of the TX_CLK. TX_EN indicates
the presence of valid data inputs on TX_D[3:0] in MII mode and on TX_D[1:0] in RMII mode.
TX_EN is an active high signal.
TX_D0
24
Reset: I, PD
Active: I, PD
Transmit data:
In MII mode, the transmit data nibble received from the MAC is synchronous to the rising
edge of TX_CLK.
In RMII mode, TX_D[1:0] received from the MAC is synchronous to the rising edge of the
reference clock.
TX_D1
25
Reset: I, PD
Active: I, PD
TX_D2
26
Reset: I, PD
Active: I, PD
TX_D3
27
Reset: I, PD
Active: I, PD
COL/LED2/
TX_ER/GPIO
28
Reset: I, PD
Active: O
Strap4
Collision Detect (default): In MII mode when the pin is acting as Collision Detect (COL), this
pin is always LOW in Full Duplex mode. In Half Duplex mode, COL is asserted HIGH only
when both transmit and receive media are non-idle. This pin can also be configured as a
second additional LED driver (LED2), the MII TX_ER signal or general purpose I/O (GPIO)
through register configurations.
In RMII mode, this pin acts as LED2 by default.
CRS/LED3
29
Reset: I, PD
Active: O
Strap3
Carrier sense (default):
In MII mode this pin is asserted high when the receive or transmit medium is non-idle. Carrier
sense and receive data valid. This pin can be configured as third LED (LED3) through register
configuration.
In RMII mode, this pin is configured as LED3 by default.
LED0
30
Reset: I, PD
Active: O
Strap2
LED0: This LED indicates transmit and receive activity in addition to the status of the Link.
The LED is ON when link is good. The LED blinks when the transmitter or receiver is active.
LED polarity is auto-detected (Active Low/ Active High) based on external pull-up or pull-down
on the pin.
CLKOUT/
LED1
31
Reset: I, PU
Active: O
Strap1
This pin provides 25MHz reference clock from XI as default output after power-on reset
(POR). The output is not affected by Resets allowing Application to reset PHY without
impacting other system getting impacted. The output clock switches off only by Deep Power
Down.
The pin can be configured to act as LED1 using strap or register configuration. The strap
only latches on power-up and not on pin reset. The LED is ON when link is 100Mbps. LED
remains OFF if Link is 10Mbps or no Link.
LED polarity is auto-detected (Active Low/ Active High) based on external pull-up or pull-down
on the pin.
This strap only latches on power-up and not on pin reset.
RST_N
32
Reset: I, PU
Active: I, PU
Reset low: RST_N pin is an active low reset input. Asserting this pin low for at least 25μs
forces a reset process to occur. Initiation of reset causes strap pins to be re-scanned and
resets all the internal registers of the PHY to default value.
(1)
I = Input, O = Output, I/O = Input/Ouput, A = Analog, PU or PD = Internal pullup or pulldown: Hardware bootstrap configuration
DP83826AE, DP83826AI
SNLS783 – MAY 2025
www.ti.com
6
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: DP83826AE DP83826AI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com