Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DP83826AE Datasheet(PDF) 69 Page - Texas Instruments

No. de pieza DP83826AE
Descripción Electrónicos  DP83826Ax Deterministic, Low-Latency, Low-Power, 10/100 Mbps, Industrial Ethernet PHY
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI2 [Texas Instruments]
Página de inicio  https://www.ti.com
Logo TI2 - Texas Instruments

DP83826AE Datasheet(HTML) 69 Page - Texas Instruments

Back Button DP83826AE Datasheet HTML 65Page - Texas Instruments DP83826AE Datasheet HTML 66Page - Texas Instruments DP83826AE Datasheet HTML 67Page - Texas Instruments DP83826AE Datasheet HTML 68Page - Texas Instruments DP83826AE Datasheet HTML 69Page - Texas Instruments DP83826AE Datasheet HTML 70Page - Texas Instruments DP83826AE Datasheet HTML 71Page - Texas Instruments DP83826AE Datasheet HTML 72Page - Texas Instruments DP83826AE Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 113 page
background image
Table 8-40. MISR1 Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
4
Speed Changed Interrupt
Enable
R/W
0h
Enable Interrupt on change of speed status
3
Duplex Mode Changed
Interrupt Enable
R/W
0h
Enable Interrupt on change of duplex status
2
Auto-Negotiation
Completed Enable
R/W
0h
Enable Interrupt on Auto-negotiation complete event
1
False Carrier HF Enable
R/W
0h
Enable Interrupt on False Carrier Counter Register half-full event
0
Receive Error HF Enable
R/W
0h
Enable Interrupt on Receive Error Counter Register half-full event
8.5.1.19 MISR2 Register (Offset = 13h) [Reset = 0000h]
MISR2 Register is shown in Table 8-41.
Return to the Summary Table.
Table 8-41. MISR2 Register Field Descriptions
Bit
Field
Type
Reset
Description
15
EEE Error Interrupt
RC
0h
Energy Efficient Ethernet Error Interrupt:
0h = EEE error has not occurred
1h = EEE error has occurred
14
Auto-Negotiation Error
Interrupt
RC
0h
Auto-Negotiation Error Interrupt:
0h = No Auto-Negotiation error even pending
1h = Auto-Negotiation error interrupt is pending
13
Page Received Interrupt
RC
0h
Page Receiver Interrupt:
0h = Page has not been received
1h = Page has been received
12
Loopback FIFO OF/UF
Event Interrupt
RC
0h
Loopback FIFO Overflow/Underflow Event Interrupt:
0h = No FIFO Overflow/Underflow event pending
1h = FIFO Overflow/Underflow event interrupt pending
11
MDI Crossover Change
Interrupt
RC
0h
MDI/MDIX Crossover Status Change Interrupt:
0h = MDI crossover status has not changed
1h = MDI crossover status changed interrupt is pending
10
Sleep Mode Interrupt
RC
0h
Sleep Mode Event Interrupt:
0h = No Sleep mode event pending
1h = Sleep mode event interrupt is pending
9
Inverted Polarity Interrupt /
WoL Packet Received
Interrupt
RC
0h
Inverted Polarity Interrupt / WoL Packet Received Interrupt:
0h = No Inverted polarity event pending / No WoL oacket received
1h = Inverted Polarity interrupt pending / WoL packet was recieved
8
Jabber Detect Interrupt
RC
0h
Jabber Detect Event Interrupt:
0h = No Jabber detect event pending
1h = Jabber detect even interrupt pending
7
EEE Error Interrupt Enable R/W
0h
Enable interrupt on EEE Error
6
Auto-Negotiation Error
Interrupt Enable
R/W
0h
Enable Interrupt on Auto-Negotiation error event
5
Page Received Interrupt
Enable
R/W
0h
Enable Interrupt on page receive event
4
Loopback FIFO OF/UF
Enable
R/W
0h
Enable Interrupt on loopback FIFO Overflow/Underflow event
3
MDI Crossover Change
Enable
R/W
0h
Enable Interrupt on change of MDI/X status
2
Sleep Mode Event Enable R/W
0h
Enable Interrupt on sleep mode event
1
Polarity Changed / WoL
Packet Enable
R/W
0h
Enable Interrupt on change of polarity status
0
Jabber Detect Enable
R/W
0h
Enable Interrupt on Jabber detection event
www.ti.com
DP83826AE, DP83826AI
SNLS783 – MAY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
69
Product Folder Links: DP83826AE DP83826AI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com