Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DP83826AE Datasheet(PDF) 70 Page - Texas Instruments

No. de pieza DP83826AE
Descripción Electrónicos  DP83826Ax Deterministic, Low-Latency, Low-Power, 10/100 Mbps, Industrial Ethernet PHY
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI2 [Texas Instruments]
Página de inicio  https://www.ti.com
Logo TI2 - Texas Instruments

DP83826AE Datasheet(HTML) 70 Page - Texas Instruments

Back Button DP83826AE Datasheet HTML 66Page - Texas Instruments DP83826AE Datasheet HTML 67Page - Texas Instruments DP83826AE Datasheet HTML 68Page - Texas Instruments DP83826AE Datasheet HTML 69Page - Texas Instruments DP83826AE Datasheet HTML 70Page - Texas Instruments DP83826AE Datasheet HTML 71Page - Texas Instruments DP83826AE Datasheet HTML 72Page - Texas Instruments DP83826AE Datasheet HTML 73Page - Texas Instruments DP83826AE Datasheet HTML 74Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 113 page
background image
8.5.1.20 FCSCR Register (Offset = 14h) [Reset = 0000h]
FCSCR Register is shown in Table 8-42.
Return to the Summary Table.
Table 8-42. FCSCR Register Field Descriptions
Bit
Field
Type
Reset
Description
15-8
RESERVED
R
0h
Reserved
7-0
False Carrier Event
Counter
RC
0h
False Carrier Event Counter:
This 8-bit counter increments on every false carrier event. This
counter stops when the maximum count (FFh) is reached.
When the counter exceeds half-full (7Fh), an interrupt event is
generated. This register is cleared on read.
8.5.1.21 RECR Register (Offset = 15h) [Reset = 0000h]
RECR Register is shown in Table 8-43.
Return to the Summary Table.
Table 8-43. RECR Register Field Descriptions
Bit
Field
Type
Reset
Description
15-0
Receive Error Counter
RC
0h
RX_ER Counter:
When a valid carrier is presented (only while RXDV is set), and
there is at least one occurrence of an invalid data symbol, this 16-bit
counter increments for each receive error detected.
The RX_ER counter does not count in MII loopback mode.
The counter stops when the maximum count (FFh) is reached. When
the counter exceeds half-full (7Fh), an interrupt is generated. This
register is cleared on read.
8.5.1.22 BISCR Register (Offset = 16h) [Reset = 0100h]
BISCR Register is shown in Table 8-44.
Return to the Summary Table.
Table 8-44. BISCR Register Field Descriptions
Bit
Field
Type
Reset
Description
15
RESERVED
R
0h
Reserved
14
BIST Error Counter Mode
R/W
0h
BIST Error Counter Mode:
0h = Single mode, when BIST Error Counter reaches the max value,
PRBS checker stops counting.
1h = Continuous mode, when the BIST Error counter reaches the
max value, a pulse is generated and the counter starts counting from
zero again.
13
PRBS Checker Config
R/W
0h
PRBS Checker Config:bit[13:12]
0h = PRBS Generator and Checker both are disabled
1h = PRBS Generator Enabled, Trasnmit Single Packet with
Constant Data as configured in register 0x001C. Checker is disabled
2h = PRBS Generation is disabled. PRBS Checker is Enabled
3h = PRBS Generator and Checker both enabled. PRBS Generating
Continous Packets as configured in register 0x001C
12
Packet Generation Enable R/W
0h
Packet Generation Enable:bit[13:12]
0h = PRBS Generator and Checker both are disabled
1h = PRBS Generator Enabled, Trasnmit Single Packet with
Constant Data as configured in register 0x001C. Checker is disabled
2h = PRBS Generation is disabled. PRBS Checker is Enabled
3h = PRBS Generator and Checker both enabled. PRBS Generating
Continous Packets as configured in register 0x001C
DP83826AE, DP83826AI
SNLS783 – MAY 2025
www.ti.com
70
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: DP83826AE DP83826AI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com