Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DP83826AE Datasheet(PDF) 48 Page - Texas Instruments

No. de pieza DP83826AE
Descripción Electrónicos  DP83826Ax Deterministic, Low-Latency, Low-Power, 10/100 Mbps, Industrial Ethernet PHY
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI2 [Texas Instruments]
Página de inicio  https://www.ti.com
Logo TI2 - Texas Instruments

DP83826AE Datasheet(HTML) 48 Page - Texas Instruments

Back Button DP83826AE Datasheet HTML 44Page - Texas Instruments DP83826AE Datasheet HTML 45Page - Texas Instruments DP83826AE Datasheet HTML 46Page - Texas Instruments DP83826AE Datasheet HTML 47Page - Texas Instruments DP83826AE Datasheet HTML 48Page - Texas Instruments DP83826AE Datasheet HTML 49Page - Texas Instruments DP83826AE Datasheet HTML 50Page - Texas Instruments DP83826AE Datasheet HTML 51Page - Texas Instruments DP83826AE Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 113 page
background image
8.3.18 LED and GPIO Configuration
The DP83826Ax offers flexible LED and GPIO pins which can be set for various functions using register
configuration. Refer to Figure 8-9, for details on LED and GPIO configuration.
0
LED Genera on
Link status
Speed
Clocks
Genera on
Controls for LED0 = MLEDCR_0x25, LEDCR_0x18
Controls for LED1 = LEDCFG_0x460 , LEDCFG2_0x469
Controls for LED2 = LEDCFG_0x460 , LEDCFG2_0x469
Controls for LED3 = LEDCFG_0x460 , LEDCFG2_0x469
Bypass LED Stretching = PHYCR_0x19[7] – Common for all LED
Blink Rate = LEDCR_0x18[10:9] – Common for all LED
led_0_clk_source = LED_0_CFG_REG_0x303[5:3]
led_1_clk_source = LED_1_CFG_REG_0x304[5:3]
led_2_clk_source = LED_2_CFG_REG_0x305[5:3]
led_3_clk_source = LED_3_CFG_REG_0x306[5:3]
Pin30 = led_0_gpio_ctrl = LED_0_CFG_REG_0x303[2:0]
Pin31 = led_1_gpio_ctrl = LED_1_CFG_REG_0x304[2:0]
Pin28 = led_2_gpio_ctrl = LED_2_CFG_REG_0x305[2:0]
Pin29 = led_3_gpio_ctrl = LED_3_CFG_REG_0x306[2:0]
WOL
INT
HIGH
HIGH
HIGH
HIGH
Pin30
Pin31
Pin28
Pin29
7
6
1
2
3
4
5
WOL
WOL
WOL
LOW
LOW
COL
CRS
INT
INT
INT
LOW
LOW
COL
CRS
LOW
LOW
COL
CRS
Figure 8-9. LED and GPIO Configuration
Note
A clock output is available on Pin 28 and 29 in ENHANCED mode only. These pins can be configured
to output only a 25MHz or 50MHz clock.
In ENHANCED mode, the LEDs have auto-polarity detection. The LED drive adjusts according to the strap
configured on the pin. For example, if the LED pin is configured for a pull-down strap, then the PHY assigns
the LED polarity as active high. If the LED pin is configured with a pull-up, the PHY assigns the LED polarity as
active low.
In BASIC mode, the LED polarity is always be active low. In the case that the LED pin must be strapped low, a
1kΩ pull-up resistor in series with the LED must be used and a 1.5kΩ pull-down resistor. This results in the strap
selecting 0. Please note that using higher resistance can decrease the brightness of the LED.
Figure 8-10 shows the two proper ways of connecting LEDs directly to the DP83826.
DP83826AE, DP83826AI
SNLS783 – MAY 2025
www.ti.com
48
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: DP83826AE DP83826AI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com