Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DP83826AE Datasheet(PDF) 74 Page - Texas Instruments

No. de pieza DP83826AE
Descripción Electrónicos  DP83826Ax Deterministic, Low-Latency, Low-Power, 10/100 Mbps, Industrial Ethernet PHY
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI2 [Texas Instruments]
Página de inicio  https://www.ti.com
Logo TI2 - Texas Instruments

DP83826AE Datasheet(HTML) 74 Page - Texas Instruments

Back Button DP83826AE Datasheet HTML 70Page - Texas Instruments DP83826AE Datasheet HTML 71Page - Texas Instruments DP83826AE Datasheet HTML 72Page - Texas Instruments DP83826AE Datasheet HTML 73Page - Texas Instruments DP83826AE Datasheet HTML 74Page - Texas Instruments DP83826AE Datasheet HTML 75Page - Texas Instruments DP83826AE Datasheet HTML 76Page - Texas Instruments DP83826AE Datasheet HTML 77Page - Texas Instruments DP83826AE Datasheet HTML 78Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 113 page
background image
Table 8-48. 10BTSCR Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
12-9
Squelch
R/W
0h
Squelch Configuration: Used to set the Peak Squelch 'ON' threshold
for the 10Base-T receiver. Starting from 200mV to 600mV, step size
of 50mV with some overlapping as shown below:
0h = 200mV
1h = 250mV
2h = 300mV
3h = 350mV
4h = 400mV
5h = 450mV
6h = 500mV
7h = 550mV
8h = 600mV
8
RESERVED
R/W
0h
Reserved
7
NLP Disable
R/W
0h
NLP Transmission Control:
0h = Enable transmission of NLPs
1h = Disable transmission of NLPs
6-5
RESERVED
R
0h
Reserved
4
Polarity Status
R
0h
Polarity Status:
This bit is a duplication of bit [12] in the PHYSTS register (0x0010).
Both bits are cleared upon a read of 10BTSCR register, but not upon
a read of the PHYSTS register.
0h = Correct Polarity detected
1h = Inverted Polarity detected
3-1
RESERVED
R
0h
Reserved
0
Jabber Disable
R/W
0h
Jabber Disable:
Note: This function is only applicable in 10Base-Te operation.
0h = Jabber function enabled
1h = Jabber function disabled
8.5.1.27 BICSR1 Register (Offset = 1Bh) [Reset = 007Dh]
BICSR1 Register is shown in Table 8-49.
Return to the Summary Table.
Table 8-49. BICSR1 Register Field Descriptions
Bit
Field
Type
Reset
Description
15-8
BIST Error Count
R
0h
BIST Error Count:
Holds number of errored bytes received by the PRBS checker. Value
in this register is locked and cleared when write is done to bit [15].
When BIST Error Counter Mode is set to '0', count stops on 0xFF
(see register 0x0016)
Note: Writing '1' to bit [15] locks the counter's value for successive
read operation and clear the BIST Error Counter.
7-0
BIST IPG Length
R/W
7Dh
BIST IPG Length:
Inter Packet Gap (IPG) Length defines the size of the gap (in bytes)
between any 2 successive packets generated by the BIST.
Default value is 0x7D (equal to 125 bytes*4 = 500 bytes).
Binary values shall be multiplied by 4 to get the actual IPG length
8.5.1.28 BICSR2 Register (Offset = 1Ch) [Reset = 05EEh]
BICSR2 Register is shown in Table 8-50.
Return to the Summary Table.
DP83826AE, DP83826AI
SNLS783 – MAY 2025
www.ti.com
74
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: DP83826AE DP83826AI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com