Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DP83826AE Datasheet(PDF) 73 Page - Texas Instruments

No. de pieza DP83826AE
Descripción Electrónicos  DP83826Ax Deterministic, Low-Latency, Low-Power, 10/100 Mbps, Industrial Ethernet PHY
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI2 [Texas Instruments]
Página de inicio  https://www.ti.com
Logo TI2 - Texas Instruments

DP83826AE Datasheet(HTML) 73 Page - Texas Instruments

Back Button DP83826AE Datasheet HTML 69Page - Texas Instruments DP83826AE Datasheet HTML 70Page - Texas Instruments DP83826AE Datasheet HTML 71Page - Texas Instruments DP83826AE Datasheet HTML 72Page - Texas Instruments DP83826AE Datasheet HTML 73Page - Texas Instruments DP83826AE Datasheet HTML 74Page - Texas Instruments DP83826AE Datasheet HTML 75Page - Texas Instruments DP83826AE Datasheet HTML 76Page - Texas Instruments DP83826AE Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 113 page
background image
8.5.1.25 PHYCR Register (Offset = 19h) [Reset = X0XXh]
PHYCR Register is shown in Table 8-47.
Return to the Summary Table.
Table 8-47. PHYCR Register Field Descriptions
Bit
Field
Type
Reset
Description
15
Auto MDI/X Enable
RH/W
X
Auto-MDIX Enable:
In BASIC Mode, defaults to Auto-MDIX enabled.
In ENHANCED mode, default determined by strap.
0h = Disable Auto-Negotiation Auto-MDIX capability
1h = Enable Auto-Negotiation Auto-MDIX capability
14
Force MDI/X
RH/W
X
Force MDIX:
ENHANCED Mode: When Auto-MDIX strap is disabled, latched by
FORCE MDI/MDIX strap
0h = Normal operation (Receive on RD pair, Transmit on TD pair)
1h = Force MDI pairs to cross (Receive on TD pair, Transmit on RD
pair)
13
Pause RX Status
R
0h
Pause Receive Negotiation Status: Indicates that pause receive can
be enabled in the MAC. Based on bits [11:10] in ANAR register
and bits [11:10] in ANLPAR register settings. The function shall
be enabled according to IEEE 802.3 Annex 28B Table 28B-3,
'Pause Resolution', only if the Auto-Negotiation highest common
denominator is a Full-Duplex technology.
12
Pause TX Status
R
0h
Pause Transmit Negotiated Status: Indicates that pause can be
enabled in the MAC. Based on bits [11:10] in ANAR register
and bits [11:10] in ANLPAR register settings. This function shall
be enabled according to IEEE 802.3 Annex 28B Table 28B-3,
'Pause Resolution', only if the Auto-Negotiation highest common
denominator is a Full-Duplex technology.
11
MII Link Status
R
0h
MII Link Status:
0h = No active 100Base-TX Full-Duplex link, established using Auto-
Negotiation
1h = 100Base-TX Full-Duplex link is active and was established
using Auto-Negotiation
10-8
RESERVED
R
0h
Reserved
7
Bypass LED Stretching
R/W
0h
Bypass LED Stretching: Set this bit to '1' to bypass the LED
stretching, the LED reflects the internal value.
0h = Normal LED operation
1h = Bypass LED stretching
6
RESERVED
R/W
0h
Reserved
5
RESERVED
R/W
0h
Reserved
4-0
PHY Address
RH
X
PHY Address:
In BASIC and ENHANCED mode, default determined by strap.
8.5.1.26 10BTSCR Register (Offset = 1Ah) [Reset = 0000h]
10BTSCR Register is shown in Table 8-48.
Return to the Summary Table.
Table 8-48. 10BTSCR Register Field Descriptions
Bit
Field
Type
Reset
Description
15-14
RESERVED
R
0h
Reserved
13
Receiver Threshold
Enable
R/W
0h
Lower Receiver Threshold Enable:
0h = Normal 10Base-T operation
1h = Enable 10Base-T lower receiver threshold to allow operation
with longer cables
www.ti.com
DP83826AE, DP83826AI
SNLS783 – MAY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
73
Product Folder Links: DP83826AE DP83826AI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com