Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DP83826AE Datasheet(PDF) 5 Page - Texas Instruments

No. de pieza DP83826AE
Descripción Electrónicos  DP83826Ax Deterministic, Low-Latency, Low-Power, 10/100 Mbps, Industrial Ethernet PHY
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI2 [Texas Instruments]
Página de inicio  https://www.ti.com
Logo TI2 - Texas Instruments

DP83826AE Datasheet(HTML) 5 Page - Texas Instruments

  DP83826AE Datasheet HTML 1Page - Texas Instruments DP83826AE Datasheet HTML 2Page - Texas Instruments DP83826AE Datasheet HTML 3Page - Texas Instruments DP83826AE Datasheet HTML 4Page - Texas Instruments DP83826AE Datasheet HTML 5Page - Texas Instruments DP83826AE Datasheet HTML 6Page - Texas Instruments DP83826AE Datasheet HTML 7Page - Texas Instruments DP83826AE Datasheet HTML 8Page - Texas Instruments DP83826AE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 113 page
background image
Table 5-1. Pin Functions (ENHANCED Mode)
PIN
TYPE (1)
DESCRIPTION
NAME
NO
ModeSelect
1
Reset: I, PU
Active: I, PU
This pin selects the DP83826Ax operating mode: BASIC mode or ENHANCED mode. For
ENHANCED mode, this pin shall be left NC or pulled-up with a resistor to VDDIO. For BASIC
mode, this pin shall be shorted to GND.
CEXT
2
A
External capacitor: Connect the CEXT pin through a 2nF capacitor to GND.
VDDA3V3
3
Power
Input analog supply: 3.3V. For decoupling capacitor requirements, refer to Power Supply
Recommendations section of data sheet.
RD_M
4
A
Differential receive input (physical media dependent: PMD): These differential inputs are
automatically configured to accept either 10BASE-Te, 100BASE-TX specific signaling mode.
RD_P
5
A
TD_M
6
A
Differential transmit output (PMD): These differential outputs are configured to either
10BASE-Te or 100BASE-TX signaling mode based on configuration chosen for PHY.
TD_P
7
A
XO
8
A
Crystal output: Reference clock output. XO pin is used for crystal only. Leave this pin floating
when a CMOS-level oscillator is connected to XI.
XI/50MHzIn
9
A
Crystal or oscillator input clock:
MII mode, RMII leader mode: 25MHz ± 50 ppm tolerance crystal or oscillator clock.
RMII follower mode: 50MHz ± 50 ppm tolerance CMOS-level oscillator clock.
RBIAS
10
A
RBIAS ( Bias resistor) value 6.49kΩ with 1% precision connected to ground.
MDIO
11
Reset: I, PU
Active: I/O, PU
Management data I/O: Bi-directional management data signal that can be sourced by the
management station or the PHY. This pin has internal pullup resistor of 10kΩ. An external
pullup resistor can be added if needed.
MDC
12
Reset: I, PD
Active: I, PD
Management data clock: Synchronous clock to the MDIO serial management input/output
data. This clock can be asynchronous to the MAC transmit and receive clocks. The maximum
clock rate is 25MHz. There is no minimum clock rate.
RX_D3
13
Reset: I, PD
Active: O
Strap7
Receive data: Symbols received on the cable are decoded and presented on these pins
synchronous to the rising edge of RX_CLK and contain valid data when RX_DV is asserted.
A nibble RX_D[3:0] is received in MII mode. 2-bits RX_D[1:0] is received in RMII mode.
RX_D2
14
Reset: I, PD
Active: O
Strap8
RX_D1
15
Reset: I, PD
Active: O
Strap9
RX_D0
16
Reset: I, PD
Active: O
Strap0
VDDIO
17
Power
I/O supply voltage: 3.3V or 1.8V. For decoupling capacitor requirements, refer to Power
Supply Decoupling Recommendations section of data sheet.
RX_DV/
CRS_DV
18
Reset: I, PD
Active: O
Strap10
Receive data valid: This pin indicates valid data is present on the RX_D[3:0] for MII mode and
on RX_D[1:0] in RMII mode. In MII mode, this pin acts as RX_DV. In RMII mode, this pin acts
as CRS_DV and combines the RMII Carrier and Receive Data Valid indications. This pin can
be configured to RX_DV in RMII mode to enable RMII Repeater Mode.
RX_CLK/
50MHz_RMII
19
Reset: I, PD
Active: O
Strap11
MII receive clock: MII Receive Clock provides a 25MHz reference clock for 100 bps speed
and a 2.5MHz reference clock for 10Mbps speed, which is derived from the received data
stream.
In RMII leader mode, this provides 50MHz reference clock. In RMII follower mode, this pin is
not used and remains Input, pulldown.
RX_ER
20
Reset: I, PD
Active: O
Strap6
Receive error: This pin indicates that an error symbol has been detected within a received
packet in both MII and RMII mode.
In MII mode, RX_ER is asserted high synchronously to the rising edge of RX_CLK.
In RMII mode, RX_ER is asserted high synchronously to the rising edge of the reference
clock. RX_ER is asserted high for every reception error, including errors during Idle.
This strap only latches on power-up and not on pin reset.
www.ti.com
DP83826AE, DP83826AI
SNLS783 – MAY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: DP83826AE DP83826AI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com