Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DP83826AE Datasheet(PDF) 9 Page - Texas Instruments

No. de pieza DP83826AE
Descripción Electrónicos  DP83826Ax Deterministic, Low-Latency, Low-Power, 10/100 Mbps, Industrial Ethernet PHY
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI2 [Texas Instruments]
Página de inicio  https://www.ti.com
Logo TI2 - Texas Instruments

DP83826AE Datasheet(HTML) 9 Page - Texas Instruments

Back Button DP83826AE Datasheet HTML 5Page - Texas Instruments DP83826AE Datasheet HTML 6Page - Texas Instruments DP83826AE Datasheet HTML 7Page - Texas Instruments DP83826AE Datasheet HTML 8Page - Texas Instruments DP83826AE Datasheet HTML 9Page - Texas Instruments DP83826AE Datasheet HTML 10Page - Texas Instruments DP83826AE Datasheet HTML 11Page - Texas Instruments DP83826AE Datasheet HTML 12Page - Texas Instruments DP83826AE Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 113 page
background image
Table 6-1. Pin Functions (BASIC Mode) (continued)
PIN
TYPE (1)
DESCRIPTION
NAME
NO
TX_D0
24
Reset: I, PD
Active: I, PD
Transmit data:
In MII mode, the transmit data nibble received from the MAC is synchronous to the rising
edge of TX_CLK.
In RMII mode, TX_D[1:0] received from the MAC is synchronous to the rising edge of the
reference clock.
TX_D1
25
Reset: I, PD
Active: I, PD
TX_D2
26
Reset: I, PD
Active: I, PD
TX_D3
27
Reset: I, PD
Active: I, PD
COL
28
Reset: I, PD
Active: O
Strap4
Collision detect:
In MII mode: For Full-Duplex mode, this pin is always LOW. In Half Duplex mode, this pin is
asserted HIGH only when both transmit and receive media are non-idle.
In RMII mode, this pin is not used.
CRS
29
Reset: I, PD
Active: O
Strap3
Carrier sense:
In MII mode this pin is asserted high when the receive or transmit medium is non-idle.
carrier sense or receive data valid. In RMII mode, this pin is not used.
LED0
30
Reset: I, PU
Active: O
Strap2
LED0: This LED indicates transmit and receive activity in addition to the status of the Link.
The LED is ON when link is good. The LED blinks when the transmitter or receiver is active.
LED polarity is fixed Active Low. If an external pull-down is required for strapping purposes,
both the strap and LED series resistance need adjustment for correct operation of both the
LED and the strap. Please see the LED section for further details.
LED1/TX_ER
31
Reset: I, PU
Active: O
Strap1
LED1: The pin acts as LED1 as default. The LED is ON when link is 100Mbps. LED remains
OFF if the Link is 10Mbps, or there is no Link. This pin can be configured to TX_ER through
register configuration.
LED polarity is fixed Active Low. If an external pull-down is required for strapping purposes,
both the strap and LED series resistance need adjustment for correct operation of both the
LED and the strap. Please see the LED section for further details.
RST_N
32
Reset: I, PU
Active: I, PU
Reset low: RST_N pin is an active low reset input. Asserting this pin low for at least 25μs
forces a reset process to occur. Initiation of reset causes strap pins to be re-scanned and
resets all the internal registers of the PHY to default value.
(1)
I = Input, O = Output, I/O = Input/Ouput, A = Analog, PU or PD = Internal pullup or pulldown: Hardware bootstrap configuration
www.ti.com
DP83826AE, DP83826AI
SNLS783 – MAY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: DP83826AE DP83826AI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com