Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DP83826AE Datasheet(PDF) 83 Page - Texas Instruments

No. de pieza DP83826AE
Descripción Electrónicos  DP83826Ax Deterministic, Low-Latency, Low-Power, 10/100 Mbps, Industrial Ethernet PHY
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI2 [Texas Instruments]
Página de inicio  https://www.ti.com
Logo TI2 - Texas Instruments

DP83826AE Datasheet(HTML) 83 Page - Texas Instruments

Back Button DP83826AE Datasheet HTML 79Page - Texas Instruments DP83826AE Datasheet HTML 80Page - Texas Instruments DP83826AE Datasheet HTML 81Page - Texas Instruments DP83826AE Datasheet HTML 82Page - Texas Instruments DP83826AE Datasheet HTML 83Page - Texas Instruments DP83826AE Datasheet HTML 84Page - Texas Instruments DP83826AE Datasheet HTML 85Page - Texas Instruments DP83826AE Datasheet HTML 86Page - Texas Instruments DP83826AE Datasheet HTML 87Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 113 page
background image
Table 8-75. CDLAR6 Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
11
TD Peak Polarity 1
R
0h
Polarity of the First peak discovered by the TDR mechanism on
Transmit Channel (TD).
10-6
RESERVED
R
0h
Reserved
5
Cross Detect on TD
R
0h
Cross Reflections were detected on TD. Indicate on Short between
TD+ and TD-
4
RESERVED
R
0h
Reserved
3
RESERVED
R
0h
Reserved
2
RESERVED
R
0h
Reserved
1-0
RESERVED
R
0h
Reserved
8.5.1.54 MSE_Val Register (Offset = 218h) [Reset = 0000h]
MSE_Val is shown in Table 8-76.
Return to the Summary Table.
Table 8-76. MSE_Val Register Field Descriptions
Bit
Field
Type
Reset
Description
15-0
Mean Square Error
R
0h
Mean square error. Refer to SNLA423 for more details
8.5.1.55 IO_CFG1 Register (Offset = 302h) [Reset = 0X00h]
IO_CFG1 Register is shown in Table 8-77.
Return to the Summary Table.
Table 8-77. IO_CFG1 Register Field Descriptions
Bit
Field
Type
Reset
Description
15-14
MaC Impedance Control
R/W
0h
MAC Impedance Control: MAC interface impedance control sets the
series termination for the digital pins.
0h = Slow Mode
1h = Fast Mode
13
RESERVED
R/W
0h
Reserved
12-9
RESERVED
R/W
0h
Reserved
8
cfg_crs_dv_vs_rx_dv
RH/W
X
Selects the CRS_DV pin to be operating as CRS_DV or RX_DV in
RMII mode.
In BASIC and ENHANCED mode, default determined by strap.
0h = RMII_CRS_DV
1h = RMII_RX_DV
7
RESERVED
R/W
0h
Reserved
6
RESERVED
R
0h
Reserved
5-0
RESERVED
R
0h
Reserved
8.5.1.56 LED0 GPIO register Register (Offset = 303h) [Reset = 0008h]
LED0 GPIO register is shown in Table 8-78.
Return to the Summary Table.
Table 8-78. LED0 GPIO register Register Field Descriptions
Bit
Field
Type
Reset
Description
15-6
RESERVED
R
0h
Reserved
www.ti.com
DP83826AE, DP83826AI
SNLS783 – MAY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
83
Product Folder Links: DP83826AE DP83826AI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com