Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DP83826AE Datasheet(PDF) 80 Page - Texas Instruments

No. de pieza DP83826AE
Descripción Electrónicos  DP83826Ax Deterministic, Low-Latency, Low-Power, 10/100 Mbps, Industrial Ethernet PHY
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI2 [Texas Instruments]
Página de inicio  https://www.ti.com
Logo TI2 - Texas Instruments

DP83826AE Datasheet(HTML) 80 Page - Texas Instruments

Back Button DP83826AE Datasheet HTML 76Page - Texas Instruments DP83826AE Datasheet HTML 77Page - Texas Instruments DP83826AE Datasheet HTML 78Page - Texas Instruments DP83826AE Datasheet HTML 79Page - Texas Instruments DP83826AE Datasheet HTML 80Page - Texas Instruments DP83826AE Datasheet HTML 81Page - Texas Instruments DP83826AE Datasheet HTML 82Page - Texas Instruments DP83826AE Datasheet HTML 83Page - Texas Instruments DP83826AE Datasheet HTML 84Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 113 page
background image
Table 8-61. TDR_175 Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
4
RESERVED
R/W
0h
Reserved
3-0
cfg_tdr_fwd_shadow
R/W
4h
Length of forward shadow for the segment configured (to avoid
shadow of a fault peak be seen as another fault peak) - For Segment
#1, 4'h4 For Segment #2, 4'h4 For Segment #3, 4'h5 For Segment
#4, 4'h8 For Segment #5, 4'hB
8.5.1.40 TDR_176 Register (Offset = 176h) [Reset = 0005h]
TDR_176 Register is shown in Table 8-62.
Return to the Summary Table.
Table 8-62. TDR_176 Register Field Descriptions
Bit
Field
Type
Reset
Description
15-5
RESERVED
R
0h
Reserved
4-0
cfg_tdr_p_loc_thresh_seg R/W
5h
8.5.1.41 CDSCR4 Register (Offset = 177h) [Reset = 1E00h]
CDSCR4 Register is shown in Table 8-63.
Return to the Summary Table.
Table 8-63. CDSCR4 Register Field Descriptions
Bit
Field
Type
Reset
Description
15-13
RESERVED
R/W
0h
Reserved
12-8
Short Cables Threshold
R/W
1Eh
TH to compensate for strong reflections in short cables
7-0
RESERVED
R/W
0h
Reserved
8.5.1.42 TDR_178 Register (Offset = 178h) [Reset = 0002h]
TDR_178 Register is shown in Table 8-64.
Return to the Summary Table.
Table 8-64. TDR_178 Register Field Descriptions
Bit
Field
Type
Reset
Description
15-3
RESERVED
R
0h
Reserved
2-0
cfg_tdr_tx_pulse_width_se
g
R/W
2h
TDR TX Pulse width for Segment - For Segment #1, 3'h2 For
Segment #2, 3'h2 For Segment #3, 3'h2 For Segment #4, 3'h2 For
Segment #5, 3'h6
8.5.1.43 CDLRR1 Register (Offset = 180h) [Reset = 0000h]
CDLRR1 Register is shown in Table 8-65.
Return to the Summary Table.
Table 8-65. CDLRR1 Register Field Descriptions
Bit
Field
Type
Reset
Description
15-8
RESERVED
R
0h
Reserved
DP83826AE, DP83826AI
SNLS783 – MAY 2025
www.ti.com
80
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: DP83826AE DP83826AI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com