Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DP83826AE Datasheet(PDF) 63 Page - Texas Instruments

No. de pieza DP83826AE
Descripción Electrónicos  DP83826Ax Deterministic, Low-Latency, Low-Power, 10/100 Mbps, Industrial Ethernet PHY
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI2 [Texas Instruments]
Página de inicio  https://www.ti.com
Logo TI2 - Texas Instruments

DP83826AE Datasheet(HTML) 63 Page - Texas Instruments

Back Button DP83826AE Datasheet HTML 59Page - Texas Instruments DP83826AE Datasheet HTML 60Page - Texas Instruments DP83826AE Datasheet HTML 61Page - Texas Instruments DP83826AE Datasheet HTML 62Page - Texas Instruments DP83826AE Datasheet HTML 63Page - Texas Instruments DP83826AE Datasheet HTML 64Page - Texas Instruments DP83826AE Datasheet HTML 65Page - Texas Instruments DP83826AE Datasheet HTML 66Page - Texas Instruments DP83826AE Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 113 page
background image
Table 8-32. CR1 Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
5
Robust Auto MDIX
RH/W
X
Robust Auto-MDIX: If link partners are configured for operational
modes that are not supported by normal Auto-MDIX, Robust Auto-
MDIX allows MDI/MDIX resolution and prevents deadlock. When
using in Force Mode, Robust Auto-MDIX shall be enabled.
In BASIC mode, this field defaults to zero.
In ENHANCED mode, the default is determined by strap.
0h = Disable Auto-MDIX
1h = Enable Robust Auto-MDIX
4
RESERVED
R/W
0h
Reserved
3-2
RESERVED
R/W
0h
Reserved
1
Fast RXDV Detection
R/W
0h
Fast RXDV Detection:
0h = Disable Fast RX_DV detection. The PHY operates in normal
mode. RX_DV assertion after detection of /JK/.
1h = Enable assertion high of RX_DV on receive packet due to
detection of /J/ symbol only. If a consecutive /K/ does not appear,
RX_ER is generated.
0
RESERVED
R
0h
Reserved
8.5.1.11 CR2 Register (Offset = Ah) [Reset = 010Xh]
CR2 Register is shown in Table 8-33.
Return to the Summary Table.
Control Register #2
Table 8-33. CR2 Register Field Descriptions
Bit
Field
Type
Reset
Description
15
RESERVED
R/W
0h
Reserved
14
RESERVED
R/W
0h
Reserved
13-7
RESERVED
R/W
2h
Reserved
6
RESERVED
R/W
0h
Reserved
5
Extended Full-Duplex
Ability
R/W
0h
Extended Full-Duplex Ability:
0h = Disable Extended Full-Duplex Ability. Decision to work in Full-
Duplex or Half-Duplex mode follows IEEE specification
1h = Enable Full-Duplex while working with link partner in force
100Base-TX. When the PHY is set to Auto-Negotiation or Force
100Base-TX and the link partner is operated in Force 100Base-TX,
the link is always Full-Duplex
4
RESERVED
R/W
0h
Reserved
3
RESERVED
R/W
0h
Reserved
2
RX_ER During IDLE
R/W
0h
Detection of Receive Symbol Error During IDLE State:
0h = Disable detection of Receive symbol error during IDLE state
1h = Enable detection of Receive symbol error during IDLE state
1
Odd-Nibble Detection
Disable
RH/W
X
Detection of Transmit Error.
In ENHANCED mode, default determined by strap.
In BASIC mode, this field defaults to one.
0h = Enable detection of de-assertion of TX_EN on an odd-nibble
boundary. In this case TX_EN is extended by one additional TX_CLK
cycle and behaves as if TX_ER were asserted during that additional
cycle
1h = Disable detection of transmit error in odd-nibble boundary
0
RESERVED
R/W
0h
Reserved
www.ti.com
DP83826AE, DP83826AI
SNLS783 – MAY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
63
Product Folder Links: DP83826AE DP83826AI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com