Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DP83826AE Datasheet(PDF) 7 Page - Texas Instruments

No. de pieza DP83826AE
Descripción Electrónicos  DP83826Ax Deterministic, Low-Latency, Low-Power, 10/100 Mbps, Industrial Ethernet PHY
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI2 [Texas Instruments]
Página de inicio  https://www.ti.com
Logo TI2 - Texas Instruments

DP83826AE Datasheet(HTML) 7 Page - Texas Instruments

Back Button DP83826AE Datasheet HTML 3Page - Texas Instruments DP83826AE Datasheet HTML 4Page - Texas Instruments DP83826AE Datasheet HTML 5Page - Texas Instruments DP83826AE Datasheet HTML 6Page - Texas Instruments DP83826AE Datasheet HTML 7Page - Texas Instruments DP83826AE Datasheet HTML 8Page - Texas Instruments DP83826AE Datasheet HTML 9Page - Texas Instruments DP83826AE Datasheet HTML 10Page - Texas Instruments DP83826AE Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 113 page
background image
6 Pin Configuration and Functions (BASIC Mode)
The BASIC mode is one of two modes that the DP83826Ax can be configured in at start-up. This mode allows
the DP83826Ax to support all the standard Ethernet applications and matches a common pinout configuration
used in many of today's applications. To configure the DP83826Ax to BASIC mode, short ModeSelect (pin 1) to
GND.
32
ModeSelect
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
CEXT
VDDA3V3
RD_M
RD_P
TD_M
TD_P
XO
TX_D0
TX_EN
TX_CLK/Strap5
INT
RX_ER/Strap6
RX_CLK/50MHz_RMII/Strap11
RX_DV/CRS_DV/Strap10
VDDIO
31
30
29
28
27
26
25
9
10
11
12
13
14
15
16
Not to scale
Thermal Pad
(connect to GND)
Figure 6-1. RHB Package
32-Pin QFN
(Top View)
Table 6-1. Pin Functions (BASIC Mode)
PIN
TYPE (1)
DESCRIPTION
NAME
NO
ModeSelect
1
Reset: I, PU
Active: I, PU
This pin selects the operating mode: BASIC mode or ENHANCED mode. This pin shall be
shorted to GND to configure DP83826Ax in BASIC mode. For ENHANCED mode, this pin
shall be left NC or pulled-up with a resistor to VDDIO.
CEXT
2
A
External capacitor: Connect the CEXT pin through a 2nF capacitor to GND.
VDDA3V3
3
Power
Input analog supply: 3.3V. For decoupling capacitor requirements, refer to Power Supply
Recommendations section of data sheet.
www.ti.com
DP83826AE, DP83826AI
SNLS783 – MAY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: DP83826AE DP83826AI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com