Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DP83826AE Datasheet(PDF) 4 Page - Texas Instruments

No. de pieza DP83826AE
Descripción Electrónicos  DP83826Ax Deterministic, Low-Latency, Low-Power, 10/100 Mbps, Industrial Ethernet PHY
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI2 [Texas Instruments]
Página de inicio  https://www.ti.com
Logo TI2 - Texas Instruments

DP83826AE Datasheet(HTML) 4 Page - Texas Instruments

  DP83826AE Datasheet HTML 1Page - Texas Instruments DP83826AE Datasheet HTML 2Page - Texas Instruments DP83826AE Datasheet HTML 3Page - Texas Instruments DP83826AE Datasheet HTML 4Page - Texas Instruments DP83826AE Datasheet HTML 5Page - Texas Instruments DP83826AE Datasheet HTML 6Page - Texas Instruments DP83826AE Datasheet HTML 7Page - Texas Instruments DP83826AE Datasheet HTML 8Page - Texas Instruments DP83826AE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 113 page
background image
5 Pin Configuration and Functions (ENHANCED Mode)
The ENHANCED mode is one of two modes that the DP83826Ax can be configured in at start-up. This
mode allows the DP83826Ax to support real-time Ethernet applications in addition to the standard Ethernet
applications. To configure the DP83826Ax to ENHANCED mode, leave ModeSelect (pin 1) unconnected or pull
up with a resistor to VDDIO.
32
ModeSelect
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
CEXT
VDDA3V3
RD_M
RD_P
TD_M
TD_P
XO
TX_D0
TX_EN
TX_CLK/Strap5
PWRDN/INT
RX_ER/Strap6
RX_CLK/50MHz_RMII/Strap11
RX_DV/CRS_DV/Strap10
VDDIO
31
30
29
28
27
26
25
9
10
11
12
13
14
15
16
Thermal Pad
(connect to GND)
Not to scale
Figure 5-1. RHB Package
32-Pin QFN
(Top View)
DP83826AE, DP83826AI
SNLS783 – MAY 2025
www.ti.com
4
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: DP83826AE DP83826AI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com