Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DP83826AE Datasheet(PDF) 46 Page - Texas Instruments

No. de pieza DP83826AE
Descripción Electrónicos  DP83826Ax Deterministic, Low-Latency, Low-Power, 10/100 Mbps, Industrial Ethernet PHY
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI2 [Texas Instruments]
Página de inicio  https://www.ti.com
Logo TI2 - Texas Instruments

DP83826AE Datasheet(HTML) 46 Page - Texas Instruments

Back Button DP83826AE Datasheet HTML 42Page - Texas Instruments DP83826AE Datasheet HTML 43Page - Texas Instruments DP83826AE Datasheet HTML 44Page - Texas Instruments DP83826AE Datasheet HTML 45Page - Texas Instruments DP83826AE Datasheet HTML 46Page - Texas Instruments DP83826AE Datasheet HTML 47Page - Texas Instruments DP83826AE Datasheet HTML 48Page - Texas Instruments DP83826AE Datasheet HTML 49Page - Texas Instruments DP83826AE Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 113 page
background image
8.3.17 Fast Link-Drop Functionality
The DP83826Ax includes advanced link-drop capabilities that support various real-time applications. The link-
drop mechanism is configurable and includes enhanced modes that allow extremely fast link-drop reaction times.
The DP83826Ax supports an enhanced link-drop mechanism, also called fast link-drop (FLD), which shortens
the observation window for determining link. There are multiple ways of determining link status, which can be
enabled or disabled based on user preference.
Depending on what mode the DP83826Ax is in, the default state of FLD differs. In ENHANCED mode, FLD and
all the detection mechanisms are disabled by default through pulling down Strap7. For EtherCAT applications
or applications with Fast link drop enabled and expect to handle Baseline wander packets, recommend disable
signal energy detect, which can be done by setting Strap8. The table below summarizes the modes enabled by
strap.
Table 8-5. FLD Detection Modes by Strap in ENHANCED Mode
FLD Strap
Option
Strap Configuration
RX Error
Count(1)
MLT3 Error
Count
Low SNR
Threshold
Signal/Energy
Loss(1) (2)
Descrambler
Link Loss
1
(Default)
Strap7 = LOW
Strap1 = X
Strap8 = X
Strap11 = X (default)
Disabled
Disabled
Disabled
Disabled
Disabled
2
Strap7 = HIGH
Strap1 = HIGH
Strap8 = X
Strap11 = LOW (default)
Enabled
Enabled
Enabled
Enabled
Enabled
3(3)
Strap7 = HIGH
Strap1 = LOW
Strap8 = LOW
Strap11 = LOW (default)
Enabled
Enabled
Disabled
Enabled
Disabled
4(3)
Strap7 = HIGH
Strap1 = LOW
Strap8 = HIGH
Strap11 = LOW (default)
Enabled
Enabled
Disabled
Disabled
Disabled
5(3)
Strap7 = HIGH
Strap1 = LOW
Strap8 = LOW
Strap11 = HIGH
Disabled
Disabled
Disabled
Enabled
Disabled
6
Strap7 = HIGH
Strap1 = HIGH
Strap8 = X
Strap11 = HIGH
Disabled
Disabled
Enabled
Enabled
Enabled
(1)
Enabling Rx_Error count and Signal/Energy loss provides robust FLD operation.
(2)
Enabling Signal/Energy loss provides best immunity performance.
(3)
Recommended FLD enabled strap setting
In BASIC mode, fast link-drop is enabled by default. The FLD mechanisms in BASIC mode is determined by
Strap11 pin as detailed in Table 8-6.
Table 8-6. FLD Detection by Strap in BASIC Mode
Strap Configuration
RX Error
Count
MLT3 Error
Count
Low SNR
Threshold
Signal/Energy
Loss
Descrambler
Link Loss
Strap11 = LOW (default)
Enabled
Enabled
Disabled
Enabled
Disabled
DP83826AE, DP83826AI
SNLS783 – MAY 2025
www.ti.com
46
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: DP83826AE DP83826AI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com