Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DP83826AE Datasheet(PDF) 33 Page - Texas Instruments

No. de pieza DP83826AE
Descripción Electrónicos  DP83826Ax Deterministic, Low-Latency, Low-Power, 10/100 Mbps, Industrial Ethernet PHY
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI2 [Texas Instruments]
Página de inicio  https://www.ti.com
Logo TI2 - Texas Instruments

DP83826AE Datasheet(HTML) 33 Page - Texas Instruments

Back Button DP83826AE Datasheet HTML 29Page - Texas Instruments DP83826AE Datasheet HTML 30Page - Texas Instruments DP83826AE Datasheet HTML 31Page - Texas Instruments DP83826AE Datasheet HTML 32Page - Texas Instruments DP83826AE Datasheet HTML 33Page - Texas Instruments DP83826AE Datasheet HTML 34Page - Texas Instruments DP83826AE Datasheet HTML 35Page - Texas Instruments DP83826AE Datasheet HTML 36Page - Texas Instruments DP83826AE Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 113 page
background image
8.3.9 Media Independent Interface (MII)
The media-independent interface (MII) is a synchronous 4-bit wide nibble data interface that connects the PHY
to the MAC. The MII is fully compliant with IEEE 802.3-2002 clause 22.
The MII signals are summarized below:
Table 8-1. MII Signals
FUNCTION
PINS
Data Signals
TX_D[3:0]
RX_D[3:0]
Transmit and Receive Signals
TX_EN
RX_DV
Line-Status Signals
CRS
COL
Error Signals
RX_ER
PHY
MAC
TX_CLK
TX_EN
TX_D[3:0]
RX_CLK
RX_DV
RX_ER
RX_D[3:0]
CRS
COL
Figure 8-4. MII Signaling
Additionally, the MII interface includes the carrier sense signal (CRS), as well as a collision detect signal
(COL). The CRS signal asserts to indicate the reception or transmission of data. The COL signal asserts as
an indication of a collision which can occur during half-duplex mode when both transmit and receive operations
occur simultaneously.
www.ti.com
DP83826AE, DP83826AI
SNLS783 – MAY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
33
Product Folder Links: DP83826AE DP83826AI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com