Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DP83826AE Datasheet(PDF) 36 Page - Texas Instruments

No. de pieza DP83826AE
Descripción Electrónicos  DP83826Ax Deterministic, Low-Latency, Low-Power, 10/100 Mbps, Industrial Ethernet PHY
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI2 [Texas Instruments]
Página de inicio  https://www.ti.com
Logo TI2 - Texas Instruments

DP83826AE Datasheet(HTML) 36 Page - Texas Instruments

Back Button DP83826AE Datasheet HTML 32Page - Texas Instruments DP83826AE Datasheet HTML 33Page - Texas Instruments DP83826AE Datasheet HTML 34Page - Texas Instruments DP83826AE Datasheet HTML 35Page - Texas Instruments DP83826AE Datasheet HTML 36Page - Texas Instruments DP83826AE Datasheet HTML 37Page - Texas Instruments DP83826AE Datasheet HTML 38Page - Texas Instruments DP83826AE Datasheet HTML 39Page - Texas Instruments DP83826AE Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 113 page
background image
8.3.11 Serial Management Interface
The Serial Management Interface provides access to the DP83826Ax internal register space for status
information and configuration. The SMI is compatible with IEEE 802.3 clause 22. The implemented register
set consists of the registers required by the IEEE 802.3 plus several others to provide additional visibility and
controllability of the DP83826Ax.
The SMI includes the management clock (MDC) and the management input/output data pin (MDIO). MDC is
sourced by the external management entity, also called Station (STA), and can run at a maximum clock rate of
24MHz. MDC is not expected to be continuous, and can be turned off by the external management entity when
the bus is idle.
MDIO is sourced by the external management entity and by the PHY. The data on the MDIO pin is latched on
the rising edge of the MDC. MDIO pin requires a pullup resistor (2.2KΩ or 1.5KΩ are widely used values), which
pulls MDIO high during IDLE and turnaround.
Up to 8 PHYs can share a common SMI bus. To distinguish between the PHYs, during power up or hardware
reset, the DP83826Ax latches the Phy_Address[2:0] configuration pins to determine the address.
The management entity must not start an SMI transaction in the first cycle after power up or hardware reset.
To maintain valid operation, the SMI bus must remain inactive at least until 50ms after power-up and at least
until 2ms after reset is de-asserted (Refer to T4 in Power-up Timing and T2 in Reset Timing). In normal MDIO
transactions, the register address is taken directly from the management-frame reg_addr field, thus allowing
direct access to 32 16-bit registers (including those defined in IEEE 802.3 and vendor specific). The data field
is used for both reading and writing. The Start code is indicated by a <01> pattern. This pattern makes sure
that the MDIO line transitions from the default idle line state. Turnaround is defined as an idle bit time inserted
between the Register Address field and the Data field. To avoid contention during a read transaction, no device
must actively drive the MDIO signal during the first bit of turnaround. The addressed DP83826Ax drives the
MDIO with a zero for the second bit of turnaround and follows this with the required data.
For write transactions, the station-management entity writes data to the addressed DP83826Ax, thus eliminating
the requirement for MDIO Turnaround. The turnaround time is filled by the management entity by inserting <10>.
Table 8-3. SMI Protocol
SMI PROTOCOL
<idle><start><op code><PHY address><reg addr><turnaround><data><idle>
Read Operation
<idle><01><10><AAAAA><RRRRR><Z0><XXXX XXXX XXXX XXXX><idle>
Write Operation
<idle><01><01><AAAAA><RRRRR><10><XXXX XXXX XXXX XXXX><idle>
DP83826AE, DP83826AI
SNLS783 – MAY 2025
www.ti.com
36
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: DP83826AE DP83826AI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com