Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DP83826AE Datasheet(PDF) 59 Page - Texas Instruments

No. de pieza DP83826AE
Descripción Electrónicos  DP83826Ax Deterministic, Low-Latency, Low-Power, 10/100 Mbps, Industrial Ethernet PHY
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI2 [Texas Instruments]
Página de inicio  https://www.ti.com
Logo TI2 - Texas Instruments

DP83826AE Datasheet(HTML) 59 Page - Texas Instruments

Back Button DP83826AE Datasheet HTML 55Page - Texas Instruments DP83826AE Datasheet HTML 56Page - Texas Instruments DP83826AE Datasheet HTML 57Page - Texas Instruments DP83826AE Datasheet HTML 58Page - Texas Instruments DP83826AE Datasheet HTML 59Page - Texas Instruments DP83826AE Datasheet HTML 60Page - Texas Instruments DP83826AE Datasheet HTML 61Page - Texas Instruments DP83826AE Datasheet HTML 62Page - Texas Instruments DP83826AE Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 113 page
background image
Table 8-26. PHYIDR2 Register Field Descriptions
Bit
Field
Type
Reset
Description
15-10
Organizationally Unique
Identifier Bits 5:0
R
28h
PHY Identifier Register #2
9-4
Model Number
R
13h
Vendor Model Number: The six bits of vendor model number are
mapped from bits [9] to [4]
11h = Basic Mode
13h = ENHANCED Mode
3-0
Revision Number
R
6h
Model Revision Number: Four bits of the vendor model revision
number are mapped from bits [3:0]. This field is incremented for all
major device changes.
8.5.1.5 ANAR Register (Offset = 4h) [Reset = 0XX1h]
ANAR Register is shown in Table 8-27.
Return to the Summary Table.
Auto-Negotiation Advertisement Register
Table 8-27. ANAR Register Field Descriptions
Bit
Field
Type
Reset
Description
15
Next Page
R/W
0h
Next Page Indication:
0h = Next Page Transfer not desired
1h = Next Page Transfer desired
14
RESERVED
R
0h
Reserved
13
Remote Fault
R/W
0h
Remote Fault:
0h = No Remote Fault detected
1h = Advertises that this device has detected a Remote Fault. Please
note the PHY does not support Remote Fault. This bit shall not be
set by Application
12
RESERVED
R
0h
Reserved
11
Asymmetric Pause
R/W
0h
Asymmetric Pause Support For Full-Duplex Links:
0h = Do not advertise asymmetric pause ability
1h = Advertise asymmetric pause ability
10
Pause
R/W
0h
Pause Support for Full-Duplex Links:
0h = Do not advertise pause ability
1h = Advertise pause ability
9
100Base-T4
R
0h
100Base-T4 Support:
0h = Do not advertise 100Base-T4 ability
1h = Advertise 100Base-T4 ability
8
100Base-TX Full-Duplex
RH/W
X
100Base-TX Full-Duplex Support:
Values does not matter in force-mode.
In BASIC mode, default determined by strap.
In ENHANCED mode, this field defaults to one.
0h = Do not advertise 100Base-TX Full-Duplex ability
1h = Advertise 100Base-TX Full-Duplex ability
7
100Base-TX Half-Duplex
RH/W
X
100Base-TX Half-Duplex Support:
Values does not matter in force-mode.
In BASIC mode, default determined by strap.
In ENHANCED mode, this field defaults to one.
0h = Do not advertise 100Base-TX Half-Duplex ability
1h = Advertise 100Base-TX Half-Duplex ability
6
10Base-T Full-Duplex
RH/W
X
10Base-T Full-Duplex Support:
Values does not matter in force-mode.
In BASIC Mode, default determined by strap.
In ENHANCED mode, this field defaults to one.
0h = Do not advertise 10Base-T Full-Duplex ability
1h = Advertise 10Base-T Full-Duplex ability
www.ti.com
DP83826AE, DP83826AI
SNLS783 – MAY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
59
Product Folder Links: DP83826AE DP83826AI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com