Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DP83826AE Datasheet(PDF) 89 Page - Texas Instruments

No. de pieza DP83826AE
Descripción Electrónicos  DP83826Ax Deterministic, Low-Latency, Low-Power, 10/100 Mbps, Industrial Ethernet PHY
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI2 [Texas Instruments]
Página de inicio  https://www.ti.com
Logo TI2 - Texas Instruments

DP83826AE Datasheet(HTML) 89 Page - Texas Instruments

Back Button DP83826AE Datasheet HTML 85Page - Texas Instruments DP83826AE Datasheet HTML 86Page - Texas Instruments DP83826AE Datasheet HTML 87Page - Texas Instruments DP83826AE Datasheet HTML 88Page - Texas Instruments DP83826AE Datasheet HTML 89Page - Texas Instruments DP83826AE Datasheet HTML 90Page - Texas Instruments DP83826AE Datasheet HTML 91Page - Texas Instruments DP83826AE Datasheet HTML 92Page - Texas Instruments DP83826AE Datasheet HTML 93Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 113 page
background image
Return to the Summary Table.
Table 8-87. ANA_RX10BT_CTRL Register Field Descriptions
Bit
Field
Type
Reset
Description
15-5
RESERVED
R/W
0h
Reserved
4-0
rx10bt_comp_sl
R/W
8h
10B-T current Gain, common for both POS and NEG, Starting from
200mV to 575mV, step size of 25mV
8.5.1.66 GENCFG Register (Offset = 456h) [Reset = 0008h]
GENCFG Register is shown in Table 8-88.
Return to the Summary Table.
Table 8-88. GENCFG Register Field Descriptions
Bit
Field
Type
Reset
Description
15-4
RESERVED
R/W
0h
Reserved
3
Min IPG Enable
R/W
1h
Min IPG Enable:
0h = Minimal IPG set to 200ns
1h = Enable Minimum Interpacket Gap (IPG is set to 120ns instead
of 200ns)
2-0
RESERVED
R/W
0h
Reserved
8.5.1.67 LEDCFG Register (Offset = 460h) [Reset = 5565h]
LEDCFG Register is shown in Table 8-89.
Return to the Summary Table.
Table 8-89. LEDCFG Register Field Descriptions
Bit
Field
Type
Reset
Description
15-12
RESERVED
R/W
5h
Reserved
11-8
LED3 Control
R/W
5h
LED3 Control: Selects the source for LED3.
0h = LINK OK
1h = RX/TX Activity
2h = TX Activity
3h = RX Activity
4h = Collision
5h = Speed, High for 100BASE-TX
6h = Speed, High for 10BASE-T
7h = Full-Duplex
8h = LINK OK / BLINK on TX/RX Activity
9h = Active Stretch Signal
Ah = MII LINK (100BT+FD)
Bh = LPI Mode (Energy Efficient Ethernet)
Ch = TX/RX MII Error
Dh = Link Lost (remains on until register 0x0001 is read)
Eh = Blink for PRBS error (remains ON for single error, remains until
counter is cleared)
Fh = Reserved
www.ti.com
DP83826AE, DP83826AI
SNLS783 – MAY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
89
Product Folder Links: DP83826AE DP83826AI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com