Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DP83826AI Datasheet(PDF) 16 Page - Texas Instruments

No. de pieza DP83826AI
Descripción Electrónicos  DP83826Ax Deterministic, Low-Latency, Low-Power, 10/100 Mbps, Industrial Ethernet PHY
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI2 [Texas Instruments]
Página de inicio  https://www.ti.com
Logo TI2 - Texas Instruments

DP83826AI Datasheet(HTML) 16 Page - Texas Instruments

Back Button DP83826AI Datasheet HTML 12Page - Texas Instruments DP83826AI Datasheet HTML 13Page - Texas Instruments DP83826AI Datasheet HTML 14Page - Texas Instruments DP83826AI Datasheet HTML 15Page - Texas Instruments DP83826AI Datasheet HTML 16Page - Texas Instruments DP83826AI Datasheet HTML 17Page - Texas Instruments DP83826AI Datasheet HTML 18Page - Texas Instruments DP83826AI Datasheet HTML 19Page - Texas Instruments DP83826AI Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 113 page
background image
7.6 Timing Requirements
(1)
PARAMETER
MIN
NOM
MAX
UNIT
Power Up Timing
T1
Voltage ramp duration ( 0% to 100% VDDIO)
0.5
50
ms
T2
Supply sequencing VDDA3V3 followed by VDDIO or VDDIO followed
by VDDA3V3 (2) (4)
0
200
ms
T3
Voltage ramp duration ( 0% to 100% of VDDA3V3)
0.5
50
ms
T4
POR release time / Powerup to SMI ready: Post power-up stabilization time
prior to MDC preamble for register access
50
ms
T5
Powerup to FLP
1500
ms
VPED
Pedestal voltage on VDDA3V3, VDDIO before Power Ramp
0.3
V
Reset Timing
T1
RESET PULSE Width: Miminum reset pulse width to be able to reset (w/o
debouncing caps)
25
μs
T2
Reset to SMI ready: Post reset stabilization time prior to MDC preamble for
register access
2
ms
T3
Reset to FLP
1500
ms
Reset to 100M signaling (strapped mode)
0.5
ms
Reset to RMII leader clock
0.2
ms
Fast Link Pulse Timing
T1
Clock pulse to clock pulse period
111
125
139
μs
T2
Clock pulse to data pulse period
55.5
62.5
69.5
μs
T3
Clock/Data pulse width
104
ns
T4
FLP burst to FLP burst period
8
16
24
ms
T5
FLP burst width
2
ms
Pulse in burst width
17
33
Pulses
Link Up Timing
Fast Link Drop enabled using straps , 150 meter cable
10
μs
Fast Link Drop Time using Mode 1 (Signal/Energy Loss indication)
10
μs
Fast Link Drop Time using Mode 2 (Low SNR Threshold) (5)
10
μs
Fast Link Drop Time using Mode 3 (MLT3 Error count) (5)
10
μs
Fast Link Drop Time using Mode 4 (RX Error count)
10
μs
Fast Link Drop Time using Mode 5 (Descrambler link drop) (5)
11
μs
100M EEE timings
Sleep time
210
μs
Quiet time
20
ms
Wake time (Tw_sys_tx)
36
μs
Refresh time
200
μs
100M MII Receive Timing
T1
RX_CLK high / low time
16
20
24
ns
T2
RX_D[3:0], RX_ER, RX_DV Delay from RX_CLK rising
10
30
ns
100M MII Transmit Timing
T1
TX_CLK high / low time
16
20
24
ns
T2
TX_D[3:0], TX_ER, TX_EN setup to TX_CLK
10
ns
T3
TX_D[3:0], TX_ER, TX_EN hold from TX_CLK
0
ns
10M MII Receive Timing
T1
RX_CLK high / low time(3)
160
200
240
ns
DP83826AE, DP83826AI
SNLS783 – MAY 2025
www.ti.com
16
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: DP83826AE DP83826AI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com