Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DP83826AI Datasheet(PDF) 64 Page - Texas Instruments

No. de pieza DP83826AI
Descripción Electrónicos  DP83826Ax Deterministic, Low-Latency, Low-Power, 10/100 Mbps, Industrial Ethernet PHY
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI2 [Texas Instruments]
Página de inicio  https://www.ti.com
Logo TI2 - Texas Instruments

DP83826AI Datasheet(HTML) 64 Page - Texas Instruments

Back Button DP83826AI Datasheet HTML 60Page - Texas Instruments DP83826AI Datasheet HTML 61Page - Texas Instruments DP83826AI Datasheet HTML 62Page - Texas Instruments DP83826AI Datasheet HTML 63Page - Texas Instruments DP83826AI Datasheet HTML 64Page - Texas Instruments DP83826AI Datasheet HTML 65Page - Texas Instruments DP83826AI Datasheet HTML 66Page - Texas Instruments DP83826AI Datasheet HTML 67Page - Texas Instruments DP83826AI Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 113 page
background image
8.5.1.12 CR3 Register (Offset = Bh) [Reset = 0X00h]
CR3 Register is shown in Table 8-34.
Return to the Summary Table.
Control Register #3
Table 8-34. CR3 Register Field Descriptions
Bit
Field
Type
Reset
Description
15-11
RESERVED
R/W
0h
Reserved
10
FLD Descrambler Loss
RH/W
X
Descrambler Fast Link Drop:
This option can be enabled in parallel to the other fast link down
modes in bits [3:0].
In BASIC mode, this field defaults to zero.
In ENHANCED mode, the default is determined by strap.
0h = Do not drop the link on descrambler link loss
1h = Drop the link on descrambler link loss
9
RESERVED
R
0h
Reserved
8
RESERVED
R/W
0h
Reserved
7
RESERVED
R/W
0h
Reserved
6
Polarity Swap
R/W
0h
Polarity Swap:
Port Mirror Function: To enable port mirroring, set this bit and bit [5]
high.
1h = Inverted polarity on both pairs: TD+ and TD-, RD+ and RD- 0h
= Normal polarity
5
MDI/MDIX Swap
R/W
0h
MDI/MDIX Swap:
Port Mirror Function: To enable port mirroring, set this bit and bit [6]
high.
0h = MDI pairs normal (Receive on RD pair, Transmit on TD pair)
1h = Swap MDI pairs (Receive on TD pair, Transmit on RD pair)
4
RESERVED
R/W
0h
Reserved
3-0
Fast Link Down Mode
RH/W
0h
Fast Link Down Modes:
Bit 3 Drop the link based on RX Error count of the MII interface.
When a predefined number of 32 RX Error occurences in a 10us
interval is reached, the link is dropped.
Bit 2 Drop the link based on MLT3 Error count (Violation of the MLT3
coding in the DSP output). When a predefined number of 20 MLT3
Error occurences in 10µs interval is reached, the link is dropped.
Bit 1 Drop the link based on Low SNR Threshold. When a predefined
number of 20 Threshold crossing occurences in a 10µs interval is
reached, the link is dropped.
Bit 0 Drop the link based on Signal/Energy Loss indication. When the
Energy detector indicates Energy Loss, the link is dropped. Typical
reaction time is 10µs
C : Bit 0 default is 0
NC+ MII: Bit 0 is taken from STRAP in ENHANCED mode
NC + RMII: Bit 0 default is 0
The Fast Link Down function is an OR of all 5 options (bits [10] and
[3:0]), the designer can enable any combination of these conditions.
8.5.1.13 REGCR Register (Offset = Dh) [Reset = 0000h]
REGCR Register is shown in Table 8-35.
Return to the Summary Table.
DP83826AE, DP83826AI
SNLS783 – MAY 2025
www.ti.com
64
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: DP83826AE DP83826AI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com