Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DP83826AI Datasheet(PDF) 8 Page - Texas Instruments

No. de pieza DP83826AI
Descripción Electrónicos  DP83826Ax Deterministic, Low-Latency, Low-Power, 10/100 Mbps, Industrial Ethernet PHY
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI2 [Texas Instruments]
Página de inicio  https://www.ti.com
Logo TI2 - Texas Instruments

DP83826AI Datasheet(HTML) 8 Page - Texas Instruments

Back Button DP83826AI Datasheet HTML 4Page - Texas Instruments DP83826AI Datasheet HTML 5Page - Texas Instruments DP83826AI Datasheet HTML 6Page - Texas Instruments DP83826AI Datasheet HTML 7Page - Texas Instruments DP83826AI Datasheet HTML 8Page - Texas Instruments DP83826AI Datasheet HTML 9Page - Texas Instruments DP83826AI Datasheet HTML 10Page - Texas Instruments DP83826AI Datasheet HTML 11Page - Texas Instruments DP83826AI Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 113 page
background image
Table 6-1. Pin Functions (BASIC Mode) (continued)
PIN
TYPE (1)
DESCRIPTION
NAME
NO
RD_M
4
A
Differential receive input (PMD): These differential inputs are automatically configured to
accept either 10BASE-Te or 100BASE-TX specific signaling mode.
RD_P
5
A
TD_M
6
A
Differential transmit output (PMD): These differential outputs are configured to either
10BASE-Te or 100BASE-TX signaling mode based on the configuration chosen for the PHY.
TD_P
7
A
XO
8
A
Crystal output: reference clock output. XO pin is used for crystal only. Leave this pin floating
when a CMOS-level oscillator is connected to XI.
XI/50MHzIn
9
A
Crystal or oscillator input clock:
MII mode or RMII leader mode: 25MHz ± 50 ppm tolerance crystal or oscillator clock.
RMII follower mode: 50MHz ± 50 ppm tolerance CMOS-level oscillator clock.
RBIAS
10
A
Bias resistance: RBIAS value 6.49kΩ 1% precision connected to ground.
MDIO
11
Reset: I, PU
Active: I/O, PU
Management data I/O: Bi-directional management data signal that can be sourced by the
management station or the PHY. This pin has internal pullup resistor of 10kΩ. An external
pullup resistor can be added if needed.
MDC
12
Reset: I, PD
Active: I, PD
Management data clock: Synchronous clock to the MDIO serial management input/output
data. This clock can be asynchronous to the MAC transmit and receive clocks. The maximum
clock rate is 25MHz. There is no minimum clock rate.
RX_D3
13
Reset: I, PU
Active: O
Strap7
Receive data: Symbols received on the cable are decoded and presented on these pins
synchronous to the rising edge of RX_CLK. and contains valid data when RX_DV is asserted.
A nibble RX_D[3:0] is received in MII mode. 2-bits RX_D[1:0] is received in RMII mode.
RX_D2
14
Reset: I, PD
Active: O
Strap8
RX_D1
15
Reset: I, PD
Active: O
Strap9
RX_D0
16
Reset: I, PU
Active: O
Strap0
VDDIO
17
Power
I/O supply voltage: 3.3V or 1.8V. For decoupling capacitor requirements, refer to Power
Supply Recommendations section of data sheet.
RX_DV/
CRS_DV
18
Reset: I, PD
Active: O
Strap10
Receive data valid: This pin indicates valid data is present on the RX_D[3:0] for MII mode and
on RX_D[1:0] in RMII mode. In MII mode, this pin acts as RX_DV. In RMII mode, this pin acts
as CRS_DV and combines the RMII carrier and receive data valid indications.
RX_CLK/
50MHz_RMII
19
Reset: I, PD
Active: O
Strap11
MII receive clock: MII receive clock provides a 25MHz reference clock for 100Mbps speed
and a 2.5MHz reference clock for 10Mbps speed, which is derived from the received data
stream.
In RMII leader mode, this provides 50MHz reference clock. In RMII follower mode, this pin is
not used and remains Input/PD.
RX_ER
20
Reset: I, PD
Active: O
Strap6
Receive Error: This pin indicates that an error symbol has been detected within a received
packet in both MII and RMII mode. In MII mode, RX_ER is asserted high synchronously to
the rising edge of RX_CLK. In RMII mode, RX_ER is asserted high synchronously to the
rising edge of the reference clock. RX_ER is asserted high for every reception error, including
errors during Idle.
INT
21
Reset: I, PU;
Active: O, PU
Interrupt: This pin is asserted low when an interrupt condition occurs. The pin has an
open-drain output with a weak internal pullup resistor (9.5kΩ). Some applications require
an external PU resistor.
TX_CLK
22
Reset: I, PD
Active: O
Strap5
MII transmit clock: MII Transmit Clock provides a25MHz reference clock for 100Mbps speed
and a 2.5MHz reference clock for 10Mbps speed. Note that in MII mode, this clock has
constant phase referenced to the reference clock. Applications requiring such constant phase
can use this feature. Unused in RMII Mode.
TX_EN
23
Reset: I, PD
Active: I, PD
Transmit enable: TX_EN is presented on the rising edge of the TX_CLK. TX_EN indicates
the presence of valid data inputs on TX_D[3:0] in MII mode and on TX_D[1:0] in RMII mode.
TX_EN is an active high signal.
DP83826AE, DP83826AI
SNLS783 – MAY 2025
www.ti.com
8
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: DP83826AE DP83826AI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com