Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DP83826AI Datasheet(PDF) 76 Page - Texas Instruments

No. de pieza DP83826AI
Descripción Electrónicos  DP83826Ax Deterministic, Low-Latency, Low-Power, 10/100 Mbps, Industrial Ethernet PHY
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI2 [Texas Instruments]
Página de inicio  https://www.ti.com
Logo TI2 - Texas Instruments

DP83826AI Datasheet(HTML) 76 Page - Texas Instruments

Back Button DP83826AI Datasheet HTML 72Page - Texas Instruments DP83826AI Datasheet HTML 73Page - Texas Instruments DP83826AI Datasheet HTML 74Page - Texas Instruments DP83826AI Datasheet HTML 75Page - Texas Instruments DP83826AI Datasheet HTML 76Page - Texas Instruments DP83826AI Datasheet HTML 77Page - Texas Instruments DP83826AI Datasheet HTML 78Page - Texas Instruments DP83826AI Datasheet HTML 79Page - Texas Instruments DP83826AI Datasheet HTML 80Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 113 page
background image
Table 8-53. MLEDCR Register Field Descriptions
Bit
Field
Type
Reset
Description
15-10
RESERVED
R/W
0h
Reserved
9
MLED Polarity Swap
R/W
0h
MLED Polarity Swap:
The polarity of MLED depends on the routing configuration and the
strap on LED1 pin, but only in ENHANCED mode. If the pin strap is
Pull-Up then polarity is active low. If the pin strap is Pull-Down then
polarity is active high. In BASIC mode, the polarity is always active
low.
8-7
RESERVED
R/W
0h
Reserved
6-3
LED0 Configuration
R/W
8h
MLED Configurations: Selects the source for LED0
0h = LINK OK
1h = RX/TX Activity
2h = TX Activity
3h = RX Activity
4h = Collision
5h = Speed, High for 100BASE-TX
6h = Speed, High for 10BASE-T
7h = Full-Duplex
8h = LINK OK / BLINK on TX/RX Activity
9h = Active Stretch Signal
Ah = MII LINK (100BT+FD)
Bh = LPI Mode (EEE)
Ch = TX/RX MII Error
Dh = Link Lost (remains on until register 0x0001 is read)
Eh = Blink for PRBS error (remains ON for single error, remains until
counter is cleared)
Fh = Reserved
2-1
RESERVED
R
0h
Reserved
0
cfg_mled_en
R/W
1h
MLED Route to LED0:
0h = Reserved
1h = Value routed as per MLEDCR[6:3]
8.5.1.32 COMPT Regsiter Register (Offset = 27h) [Reset = 0000h]
COMPT Regsiter is shown in Table 8-54.
Return to the Summary Table.
Table 8-54. COMPT Regsiter Register Field Descriptions
Bit
Field
Type
Reset
Description
15-4
RESERVED
R/W
0h
Reserved
DP83826AE, DP83826AI
SNLS783 – MAY 2025
www.ti.com
76
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: DP83826AE DP83826AI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com