Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DP83826AI Datasheet(PDF) 75 Page - Texas Instruments

No. de pieza DP83826AI
Descripción Electrónicos  DP83826Ax Deterministic, Low-Latency, Low-Power, 10/100 Mbps, Industrial Ethernet PHY
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI2 [Texas Instruments]
Página de inicio  https://www.ti.com
Logo TI2 - Texas Instruments

DP83826AI Datasheet(HTML) 75 Page - Texas Instruments

Back Button DP83826AI Datasheet HTML 71Page - Texas Instruments DP83826AI Datasheet HTML 72Page - Texas Instruments DP83826AI Datasheet HTML 73Page - Texas Instruments DP83826AI Datasheet HTML 74Page - Texas Instruments DP83826AI Datasheet HTML 75Page - Texas Instruments DP83826AI Datasheet HTML 76Page - Texas Instruments DP83826AI Datasheet HTML 77Page - Texas Instruments DP83826AI Datasheet HTML 78Page - Texas Instruments DP83826AI Datasheet HTML 79Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 113 page
background image
Table 8-50. BICSR2 Register Field Descriptions
Bit
Field
Type
Reset
Description
15-11
RESERVED
R
0h
Reserved
10-0
BIST Packet Length
R/W
5EEh
BIST Packet Length:
Length of the generated BIST packets. The value of this register
defines the size (in bytes) of every packet that is generated by the
BIST.
Default value is 0x05EE, which is equal to 1518 bytes.
8.5.1.29 CDCR Register (Offset = 1Eh) [Reset = 0102h]
CDCR Register is shown in Table 8-51.
Return to the Summary Table.
Table 8-51. CDCR Register Field Descriptions
Bit
Field
Type
Reset
Description
15
Cable Diagnostic Start
R/W
0h
Cable Diagnostic Process Start:
Diagnostic Start bit is cleared once Diagnostic Done indication bit is
triggered.
0h = Cable Diagnostic is disabled
1h = Start cable measurement
14
cfg_rescal_en
R/W
0h
Resistor calibration Start
13-2
RESERVED
R
40h
Reserved
1
Cable Diagnostic Status
RH
1h
Cable Diagnostic Process Done:
0h = Cable Diagnostic had not completed
1h = Indication that cable measurement process is complete
0
Cable Diagnostic Test Fail RH
0h
Cable Diagnostic Process Fail:
0h = Cable Diagnostic has not failed
1h = Indication that cable measurement process failed
8.5.1.30 PHYRCR Register (Offset = 1Fh) [Reset = 0000h]
PHYRCR Register is shown in Table 8-52.
Return to the Summary Table.
Table 8-52. PHYRCR Register Field Descriptions
Bit
Field
Type
Reset
Description
15
Software Hard Reset
RH/W1S
0h
Software Hard Reset:
0h = Normal Operation
1h = Reset PHY. This bit is self cleared and has the same effect as
Hardware reset pin.
14
Digital reset
RH/W1S
0h
Software Restart:
0h = Normal Operation
1h = Restart PHY. This bit is self cleared and resets all PHY circuitry
except the registers.
13
RESERVED
R/W
0h
Reserved
12-0
RESERVED
R/W
0h
Reserved
8.5.1.31 MLEDCR Register (Offset = 25h) [Reset = 0041h]
MLEDCR Register is shown in Table 8-53.
Return to the Summary Table.
www.ti.com
DP83826AE, DP83826AI
SNLS783 – MAY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
75
Product Folder Links: DP83826AE DP83826AI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com