Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DP83826AI Datasheet(PDF) 97 Page - Texas Instruments

No. de pieza DP83826AI
Descripción Electrónicos  DP83826Ax Deterministic, Low-Latency, Low-Power, 10/100 Mbps, Industrial Ethernet PHY
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI2 [Texas Instruments]
Página de inicio  https://www.ti.com
Logo TI2 - Texas Instruments

DP83826AI Datasheet(HTML) 97 Page - Texas Instruments

Back Button DP83826AI Datasheet HTML 93Page - Texas Instruments DP83826AI Datasheet HTML 94Page - Texas Instruments DP83826AI Datasheet HTML 95Page - Texas Instruments DP83826AI Datasheet HTML 96Page - Texas Instruments DP83826AI Datasheet HTML 97Page - Texas Instruments DP83826AI Datasheet HTML 98Page - Texas Instruments DP83826AI Datasheet HTML 99Page - Texas Instruments DP83826AI Datasheet HTML 100Page - Texas Instruments DP83826AI Datasheet HTML 101Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 113 page
background image
9.2.1 Twisted-Pair Interface (TPI) Network Circuit
Figure 9-2 shows the recommended twisted-pair interface network circuit for 10Mbps or 100Mbps. Variations
with PCB and component characteristics require that the application be tested to verify that the circuit meets the
requirements of the intended application.
1:1
TD+
TD-
RD+
RD-
2 nF
2 nF
TD+
TD-
RD+
RD-
RJ 45
PHY
75
75
0.01μF
Figure 9-2. TPI Network Circuit
9.2.2 Transformer Recommendations
The following magnetics have been tested using the DP83826Ax.
Table 9-1. Recommended Transformers
MANUFACTURER
PART NUMBER
Pulse electronics
HX1198FNL
HX1188NL
HX1188FNL
Table 9-2. Transformer Electrical Specifications
PARAMETER
TEST CONDITIONS
TYP
UNIT
Turn ratio
±2%
1:1
-
Insertion loss
1 to 100 MHz
–1
dB
Return loss
1 to 30 MHz
–16
dB
30 to 60 MHz
–12
dB
60 to 80 MHz
–10
dB
Differential to common rejection ratio
1 to 50 MHz
–30
dB
50 to 150 MHz
–20
dB
Crosstalk
30 MHz
–35
dB
60 MHz
–30
dB
www.ti.com
DP83826AE, DP83826AI
SNLS783 – MAY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
97
Product Folder Links: DP83826AE DP83826AI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com