Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DP83826AI Datasheet(PDF) 67 Page - Texas Instruments

No. de pieza DP83826AI
Descripción Electrónicos  DP83826Ax Deterministic, Low-Latency, Low-Power, 10/100 Mbps, Industrial Ethernet PHY
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI2 [Texas Instruments]
Página de inicio  https://www.ti.com
Logo TI2 - Texas Instruments

DP83826AI Datasheet(HTML) 67 Page - Texas Instruments

Back Button DP83826AI Datasheet HTML 63Page - Texas Instruments DP83826AI Datasheet HTML 64Page - Texas Instruments DP83826AI Datasheet HTML 65Page - Texas Instruments DP83826AI Datasheet HTML 66Page - Texas Instruments DP83826AI Datasheet HTML 67Page - Texas Instruments DP83826AI Datasheet HTML 68Page - Texas Instruments DP83826AI Datasheet HTML 69Page - Texas Instruments DP83826AI Datasheet HTML 70Page - Texas Instruments DP83826AI Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 113 page
background image
Table 8-38. PHYSTS Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
1
Speed Status
RH
1h
Speed Status:
BASIC Mode : Latched by Strap when Auto-Negotiation is disabled.
ENHANCED Mode : 1 when Auto-Negotiation is disabled
0h = 100Mbps mode
1h = 10Mbps mode
0
Link Status
R
0h
Link Status:
This bit is duplicated from the Link Status bit in the BMSR register
( address 0x0001) and is not be cleared upon a read of the PHYSTS
register.
0h = No link established
1h = Valid link established (for either 10Mbps or 100Mbps)
8.5.1.17 PHYSCR Register (Offset = 11h) [Reset = 010Xh]
PHYSCR Register is shown in Table 8-39.
Return to the Summary Table.
Table 8-39. PHYSCR Register Field Descriptions
Bit
Field
Type
Reset
Description
15
Disable PLL
R/W
0h
Disable PLL:
Note: clock circuitry can be disabled only in IEEE power down mode.
0h = Normal operation
1h = Disable internal clocks circuitry
14
Power Save Mode Enable R/W
0h
Power Save Mode Enable:
0h = Normal operation
1h = Enable power save modes
13-12
Power Save Modes
R/W
0h
Power Save Mode:
0h = Normal operation mode. PHY is fully functional
1h = Reserved
2h = Active Sleep, Low Power Active Energy Saving mode that
shuts down all internal circuitry besides SMI and energy detect
functionalities. In this mode the PHY sends NLP every 1.4 seconds
to wake up link partner. Automatic power-up is done when link
partner is detected.
11
Scrambler Bypass
R/W
0h
Scrambler Bypass:
0h = Scrambler bypass disabled
1h = Scrambler bypass enabled
10
RESERVED
R/W
0h
Reserved
9-8
Loopback FIFO Depth
R/W
1h
Far-End Loopback FIFO Depth:
This FIFO is used to adjust RX (receive) clock rate to TX clock rate.
FIFO depth needs to be set based on expected maximum packet
size and clock accuracy. Default value sets to 5 nibbles.
0h = 4 nibbles FIFO
1h = 5 nibbles FIFO
2h = 6 nibbles FIFO
3h = 8 nibbles FIFO
7-5
RESERVED
R
0h
Reserved
4
COL Full-Duplex Enable
R/W
0h
Collision in Full-Duplex Mode:
0h = Disable Collision in Full-Duplex mode. Collision remain active in
Half-Duplex only.
1h = Enable generating Collision signaling in Full-Duplex mode
3
Interrupt Polarity
R/W
1h
Interrupt Polarity:
0h = Steady state (normal operation) is 0 logic and during interrupt is
1 logic
1h = Steady state (normal operation) is 1 logic and during interrupt is
0 logic
www.ti.com
DP83826AE, DP83826AI
SNLS783 – MAY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
67
Product Folder Links: DP83826AE DP83826AI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com