Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DP83826AI Datasheet(PDF) 56 Page - Texas Instruments

No. de pieza DP83826AI
Descripción Electrónicos  DP83826Ax Deterministic, Low-Latency, Low-Power, 10/100 Mbps, Industrial Ethernet PHY
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI2 [Texas Instruments]
Página de inicio  https://www.ti.com
Logo TI2 - Texas Instruments

DP83826AI Datasheet(HTML) 56 Page - Texas Instruments

Back Button DP83826AI Datasheet HTML 52Page - Texas Instruments DP83826AI Datasheet HTML 53Page - Texas Instruments DP83826AI Datasheet HTML 54Page - Texas Instruments DP83826AI Datasheet HTML 55Page - Texas Instruments DP83826AI Datasheet HTML 56Page - Texas Instruments DP83826AI Datasheet HTML 57Page - Texas Instruments DP83826AI Datasheet HTML 58Page - Texas Instruments DP83826AI Datasheet HTML 59Page - Texas Instruments DP83826AI Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 113 page
background image
Table 8-22. DP83826A Access Type Codes
(continued)
Access Type
Code
Description
R
R
Read
RC
R
C
Read
to Clear
RCH
R
C
H
Read
to Clear
Set or cleared by hardware
RH
R
H
Read
Set or cleared by hardware
Write Type
W
W
Write
W0C
W
0C
Write
0 to clear
W1S
W
1S
Write
1 to set
Reset or Default Value
-n
Value after reset or the default
value
8.5.1.1 BMCR Register (Offset = 0h) [Reset = XX00h]
BMCR Register is shown in Table 8-23.
Return to the Summary Table.
Basic Mode Control Register
Table 8-23. BMCR Register Field Descriptions
Bit
Field
Type
Reset
Description
15
Reset
RH/W1S
0h
PHY Software Reset: Writing a 1 to this bit resets the PHY PCS
registers. When the reset operation is completed,, this bit is cleared
to 0 automatically. PHY Vendor Specific registers are not cleared.
0h = Normal Operation
1h = Initiate software Reset / Reset in Progress
14
MII Loopback
R/W
0h
MII Loopback: When MII loopback mode is activated, the transmitted
data presented on MII TXD is looped back to MII RXD internally.
Additionally set following additional bit BISCR 0x0016[4:0] =
0b00100 for 100Base-TX and BISCR 0x0016[4:0] = 00001b for
10Base-Te
0h = Normal Operation
1h = MII Loopback enabled
13
Speed Selection
RH/W
X
Speed Selection: When Auto-Negotiation is disabled (bit [12] = 0
in Register 0x0000), writing to this bit allows the port speed to be
selected.
In BASIC Mode, speed is also determined by strap when Auto-
Negotiation is disabled.
0h = 10Mbps
1h = 100Mbps
12
Auto-Negotiation Enable
RH/W
X
Auto-Negotiation Enable. In BASIC Mode and ENHANCED Mode
default value is determined by strap.
0h = Disable Auto-Negotiation - bits [8] and [13] determine the port
speed and duplex mode
1h = Enable Auto-Negotiation - bits [8] and [13] of this register are
ignored when this bit is set
DP83826AE, DP83826AI
SNLS783 – MAY 2025
www.ti.com
56
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: DP83826AE DP83826AI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com