Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DP83826AI Datasheet(PDF) 18 Page - Texas Instruments

No. de pieza DP83826AI
Descripción Electrónicos  DP83826Ax Deterministic, Low-Latency, Low-Power, 10/100 Mbps, Industrial Ethernet PHY
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI2 [Texas Instruments]
Página de inicio  https://www.ti.com
Logo TI2 - Texas Instruments

DP83826AI Datasheet(HTML) 18 Page - Texas Instruments

Back Button DP83826AI Datasheet HTML 14Page - Texas Instruments DP83826AI Datasheet HTML 15Page - Texas Instruments DP83826AI Datasheet HTML 16Page - Texas Instruments DP83826AI Datasheet HTML 17Page - Texas Instruments DP83826AI Datasheet HTML 18Page - Texas Instruments DP83826AI Datasheet HTML 19Page - Texas Instruments DP83826AI Datasheet HTML 20Page - Texas Instruments DP83826AI Datasheet HTML 21Page - Texas Instruments DP83826AI Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 113 page
background image
7.6 Timing Requirements (continued)
(1)
PARAMETER
MIN
NOM
MAX
UNIT
Jitter tolerance (RMS)
50
ps
Input phase noise at 1kHz
–87
dBc/Hz
Input phase noise at 10kHz
–107
dBc/Hz
Input phase noise at 100kHz
–107
dBc/Hz
Input phase noise at 1MHz
–107
dBc/Hz
Input phase noise at 10MHz
–107
dBc/Hz
Duty cycle
40
60
%
Latency Timing
MII 100M Tx (MII to MDI): Rising edge TX_CLK with assertion TX_EN to
SSD symbol on MDI, FAST RX_DV enabled, 100 meter Cable
38
40
ns
MII 100 Rx (MDI to MII): SSD symbol on MDI to rising edge of RX_CLK
with assertion of RX_DV, FAST RX_DV enabled, 100 meter Cable
166
170
ns
MII 10M Tx (MII to MDI): Rising edge TX_CLK with assertion TX_EN to
SSD symbol on MDI
540
ns
RMII follower 100M Tx (RMII to MDI): Follower RMII rising edge XI clock
with assertion TX_EN to SSD symbol on MDI, FAST RX_DV enabled, 100
meter Cable
88
96
ns
RMII leader 100M Tx (RMII to MDI): Leader RMII rising edge clock with
assertion TX_EN to SSD symbol on MDI, FAST RX_DV enabled, 100
meter Cable
88
96
ns
RMII follower 10M Tx (RMII to MDI): Follower RMII rising edge XI clock with
assertion TX_EN to SSD symbol on MDI
1360
ns
RMII leader 10M Tx (RMII to MDI): Leader RMII rising edge clock with
assertion TX_EN to SSD symbol on MDI
1360
ns
MII 10M Rx (MDI to MII): SSD symbol on MDI to rising edge of RX_CLK
with assertion of RX_DV, FAST RX_DV enabled, 100 meter Cable
1640
ns
RMII follower 100M Rx ( MDI to RMII): SSD symbol on MDI to follower RMII
rising edge of XI clock with assertion of CRS_DV, FAST RX_DV enabled,
100 meter Cable
268
288
ns
RMII leader 100M Rx (MDI to RMII): SSD symbol on MDI to leader RMII
rising edge of leader clock with assertion of CRS_DV
252
270
ns
RMII follower 10M (MDI to RMII): SSD symbol on MDI to follower RMII
rising edge of XI clock with assertion of CRS_DV (10M)
2110
2152
ns
RMII leader 10M (MDI to RMII): SSD symbol on MDI to leader RMII rising
edge of leader clock with assertion of CRS_DV (10M)
2110
2152
ns
MII : XI to TXCLK phase difference ( across Resets, Power Cycle)
0
2
4
ns
(1)
Ensured by Design, Production or Characterization test
(2)
Clock shall be available at start of power ramp of supplies. If clock is delayed, additional RESET_N is needed post POR completion.
Reset can be initiated after 100µs of clock stablization and POR completion.
(3)
While receiving first nibble of data, PHY switches source from local to recovered clock causing RX_CLK to stretch and impacting the
RX_CLK to RX_DV delay
(4)
Both VDDIO or AVDD supply can ramp together or ramp of any of them can be delayed upto maximum value
(5)
Enable Rx_Error count or Signal/Energy Loss indication to meet maximum limit
DP83826AE, DP83826AI
SNLS783 – MAY 2025
www.ti.com
18
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: DP83826AE DP83826AI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com