Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DP83826AI Datasheet(PDF) 57 Page - Texas Instruments

No. de pieza DP83826AI
Descripción Electrónicos  DP83826Ax Deterministic, Low-Latency, Low-Power, 10/100 Mbps, Industrial Ethernet PHY
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI2 [Texas Instruments]
Página de inicio  https://www.ti.com
Logo TI2 - Texas Instruments

DP83826AI Datasheet(HTML) 57 Page - Texas Instruments

Back Button DP83826AI Datasheet HTML 53Page - Texas Instruments DP83826AI Datasheet HTML 54Page - Texas Instruments DP83826AI Datasheet HTML 55Page - Texas Instruments DP83826AI Datasheet HTML 56Page - Texas Instruments DP83826AI Datasheet HTML 57Page - Texas Instruments DP83826AI Datasheet HTML 58Page - Texas Instruments DP83826AI Datasheet HTML 59Page - Texas Instruments DP83826AI Datasheet HTML 60Page - Texas Instruments DP83826AI Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 113 page
background image
Table 8-23. BMCR Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
11
IEEE Power Down
R/W
0h
Power Down: The PHY is powered down after this bit is set. Only
register access is enabled during this power down condition. To
control the power down mechanism, this bit is OR'ed with the input
from the INT/PWDN_N (in ENHANCED mode) pin. When the active
low INT/PWDN_N is asserted, this bit is set.
0h = Normal Operation
1h = IEEE Power Down
10
Isolate
RH/W
X
Isolate.
In BASIC Mode, the default value is determined by strap.
In ENHANCED mode, this field defaults to zero.
0h = Normal Operation
1h = Isolates the port from the MII with the exception of the serial
management interface. Also disables 50MHz clock in RMII Leader
Mode
9
Restart Auto-Negotiation
RH/W1S
0h
Restart Auto-Negotiation: If Auto-Negotiation is disabled (bit [12] =
0), bit [9] is ignored. This bit is self-clearing and returns a value of
1 until Auto-Negotiation is initiated, whereupon this bit self clears.
Operation of the Auto-Negotiation process is not affected by the
management entity clearing this bit.
0h = Normal Operation
1h = Restarts Auto-Negotiation, Re-initiates the Auto-Negotiation
process
8
Duplex Mode
RH/W
X
Duplex Mode: When Auto-Negotiation is disabled, writing to this bit
allows the port Duplex capability to be selected.
In BASIC Mode, the default value is determined by strap.
In ENHANCED Mode, this field defaults to zero.
0h = Half-Duplex
1h = Full-Duplex
7
Collision Test
R/W
0h
Collision Test: When set, this bit causes the COL signal to be
asserted in response to the assertion of TX_EN within 512 bit times.
The COL signal is de-asserted within 4 bit times in response to the
de-assertion to TX_EN.
0h = Normal Operation
1h = Enable COL Signal Test
6-0
RESERVED
R
0h
Reserved
8.5.1.2 BMSR Register (Offset = 1h) [Reset = 7849h]
BMSR Register is shown in Table 8-24.
Return to the Summary Table.
Basic Mode Status Register
Table 8-24. BMSR Register Field Descriptions
Bit
Field
Type
Reset
Description
15
100Base-T4
R
0h
100Base-T4 Capable: This protocol is not available. Always reads as
0.
14
100Base-TX Full-Duplex
R
1h
100Base-TX Full-Duplex Capable:
0h = Device not able to perform Full-Duplex 100Base-TX
1h = Device able to perform Full-Duplex 100Base-TX
13
100Base-TX Half-Duplex
R
1h
100Base-TX Half-Duplex Capable:
0h = Device not able to perform Half-Duplex 100Base-TX
1h = Device able to perform Half-Duplex 100Base-TX
12
10Base-T Full-Duplex
R
1h
10Base-T Full-Duplex Capable:
0h = Device not able to perform Full-Duplex 10Base-T
1h = Device able to perform Full-Duplex 10Base-T
www.ti.com
DP83826AE, DP83826AI
SNLS783 – MAY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
57
Product Folder Links: DP83826AE DP83826AI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com