Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DP83826AI Datasheet(PDF) 43 Page - Texas Instruments

No. de pieza DP83826AI
Descripción Electrónicos  DP83826Ax Deterministic, Low-Latency, Low-Power, 10/100 Mbps, Industrial Ethernet PHY
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI2 [Texas Instruments]
Página de inicio  https://www.ti.com
Logo TI2 - Texas Instruments

DP83826AI Datasheet(HTML) 43 Page - Texas Instruments

Back Button DP83826AI Datasheet HTML 39Page - Texas Instruments DP83826AI Datasheet HTML 40Page - Texas Instruments DP83826AI Datasheet HTML 41Page - Texas Instruments DP83826AI Datasheet HTML 42Page - Texas Instruments DP83826AI Datasheet HTML 43Page - Texas Instruments DP83826AI Datasheet HTML 44Page - Texas Instruments DP83826AI Datasheet HTML 45Page - Texas Instruments DP83826AI Datasheet HTML 46Page - Texas Instruments DP83826AI Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 113 page
background image
8.3.14 Loopback Modes
There are several loopback options within the DP83826Ax that test and verify various functional blocks within the
PHY. Enabling loopback modes allow for in-circuit testing of the digital and analog data paths. The DP83826Ax
can be configured to any one of the Near-end Loopback modes or to the far-end (reverse) loopback mode. MII
loopback is configured using the BASIC mode Control Register (BMCR, address 0x0000). All other loopback
modes are enabled using the BIST Control Register (BISCR, address 0x0016). Except where otherwise noted,
loopback modes are supported for all speeds (10/100 Mbps and all MAC interfaces).
MAC
MII
Loopback
Digital
Loopback
PCS
Loopback
Analog
Loopback
External
Loopback
Reverse
Loopback
Figure 8-7. Loopback Test Modes
8.3.14.1 Near-end Loopback
Near-end Loopback provides the ability to loop the transmitted data back to the receiver via the digital or analog
circuitry. The point at which the signal is looped back is selected using loopback control bits[3:0] in the BISCR
register. Disable Auto-Negotiation before selecting the Near-end Loopback modes. This constraint does not
apply for External Loopback Mode.
8.3.14.2 MII Loopback
MII Loopback is the shallowest loop through the PHY and is a useful test mode to validate communications
between the MAC and the PHY. When in MII Loopback, data transmitted from a connected MAC on the TX path
is internally looped back in the DP83826Ax to the RX pins where the data can be checked by the MAC.
MII Loopback is enabled by setting bit[14] in the BMCR and bit[2] in BISCR.
8.3.14.3 PCS Loopback
PCS Loopback occurs in the PCS layer of the PHY. No signal processing is performed when using PCS
Loopback.
PCS Input Loopback is enabled by setting bit[0] in the BISCR.
PCS Output Loopback is enabled by setting bit[1] in the BISCR.
8.3.14.4 Digital Loopback
Digital Loopback includes the entire digital transmit and receive paths. Data is looped back prior to the analog
circuitry.
Digital Loopback is requires following configuration:
• 0x0000 = 0x2100 // Disable Auto-Neg
• 0x0016 = 0x0104 // Digital Loopback
• 0x0122 = 0x2000 /
• 0x0123 = 0x2000
• 0x0130 = 0x47FF
• 0x001F = 0x4000 // Soft Reset
www.ti.com
DP83826AE, DP83826AI
SNLS783 – MAY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
43
Product Folder Links: DP83826AE DP83826AI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com