Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DP83826AI Datasheet(PDF) 44 Page - Texas Instruments

No. de pieza DP83826AI
Descripción Electrónicos  DP83826Ax Deterministic, Low-Latency, Low-Power, 10/100 Mbps, Industrial Ethernet PHY
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI2 [Texas Instruments]
Página de inicio  https://www.ti.com
Logo TI2 - Texas Instruments

DP83826AI Datasheet(HTML) 44 Page - Texas Instruments

Back Button DP83826AI Datasheet HTML 40Page - Texas Instruments DP83826AI Datasheet HTML 41Page - Texas Instruments DP83826AI Datasheet HTML 42Page - Texas Instruments DP83826AI Datasheet HTML 43Page - Texas Instruments DP83826AI Datasheet HTML 44Page - Texas Instruments DP83826AI Datasheet HTML 45Page - Texas Instruments DP83826AI Datasheet HTML 46Page - Texas Instruments DP83826AI Datasheet HTML 47Page - Texas Instruments DP83826AI Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 113 page
background image
8.3.14.5 Analog Loopback
When operating in 10BASE-Te or 100BASE-TX mode, signals can be looped back after the analog front-end.
Analog Loopback is enabled by setting bit[3] in the BISCR.
8.3.14.6 Far-End (Reverse) Loopback
Far-End (Reverse) loopback is a special test mode to allow PHY testing with a link partner. In this mode, data
that is received from the Link Partner passes through the PHY’s receiver, is looped back at the MAC interface
and then transmitted back to the Link Partner. While in reverse loopback mode, all data signals that come from
the MAC are ignored.
Reverse Loopback is enabled by setting bit[4] in the BISCR.
8.3.15 BIST Configurations
The DP83826Ax incorporates an internal PRBS built-in self-test (BIST) circuit to accommodate in-circuit testing
and diagnostics. The BIST circuit can be used to test the integrity of transmit and receive data paths. The BIST
can be performed using both internal loopbacks (digital or analog) or external loopback using a cable fixture. The
BIST simulates pseudo-random data transfer scenarios in format of real packets and inter-packet gap (IPG) on
the lines. The BIST allows full control of the packet lengths and the IPG.
The BIST packet length is controlled using bits[10:0] in the BIST Control and Status Register #2 (BICSR2,
address 0x001C). The BIST IPG length is controlled using bits[7:0] in the BIST Control and Status Register #1
(BICSR1, address 0x001B).
The BIST is implemented with independent transmit and receive paths, with the transmit clock generating a
continuous stream of a pseudo-random sequence. The device generates a 15-bit pseudo-random sequence
for BIST. Received data is compared to the generated pseudo-random data to determine pass/fail status. The
number of error bytes that the PRBS checker received is stored in bits[15:8] of the BICSR1. PRBS lock status
and sync can be read from the BIST Control Register (BISCR, address 0x0016).
The PRBS test can be put in a continuous mode by using bit[14] in the BISCR. In continuous mode, when the
BIST error counter reaches the maximum value, the counter starts counting from zero again. To read the BIST
error count, bit[15] in the BICSR1 must be set to '1'. This setting locks the current value of the BIST errors for
reading. Setting bit[15] also clears the BIST Error Counter.
DP83826AE, DP83826AI
SNLS783 – MAY 2025
www.ti.com
44
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: DP83826AE DP83826AI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com