Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DP83826AI Datasheet(PDF) 96 Page - Texas Instruments

No. de pieza DP83826AI
Descripción Electrónicos  DP83826Ax Deterministic, Low-Latency, Low-Power, 10/100 Mbps, Industrial Ethernet PHY
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI2 [Texas Instruments]
Página de inicio  https://www.ti.com
Logo TI2 - Texas Instruments

DP83826AI Datasheet(HTML) 96 Page - Texas Instruments

Back Button DP83826AI Datasheet HTML 92Page - Texas Instruments DP83826AI Datasheet HTML 93Page - Texas Instruments DP83826AI Datasheet HTML 94Page - Texas Instruments DP83826AI Datasheet HTML 95Page - Texas Instruments DP83826AI Datasheet HTML 96Page - Texas Instruments DP83826AI Datasheet HTML 97Page - Texas Instruments DP83826AI Datasheet HTML 98Page - Texas Instruments DP83826AI Datasheet HTML 99Page - Texas Instruments DP83826AI Datasheet HTML 100Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 113 page
background image
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification, and TI
does not warranty the accuracy or completeness of the informatioin. TI’s customers are responsible
for determining suitability of components for their purposes. Customers must validate and test their
design implementation to confirm system functionality.
9.1 Application Information
The DP83826Ax is a single-port 10/100Mbps Ethernet PHY and supports connections to an Ethernet MAC
through MII and RMII. Connections to the Ethernet media are made via the IEEE 802.3 defined media-
dependent interface.
When using the device for Ethernet applications, certain requirements must be meet for normal operation. The
following subsections are intended to assist in appropriate component selection and required circuit connections.
9.2 Typical Applications
Following figure shows a typical application for the DP83826Ax.
MAC
10/100 Mbps
Ethernet PHY
25MHz / 50MHz
Clock Source
Status
LEDs
RJ-45
MII/RMII
10BASE-Te
100BASE-TX
VDDA3V3
VDDIO
Figure 9-1. Typical DP83826Ax Application
DP83826AE, DP83826AI
SNLS783 – MAY 2025
www.ti.com
96
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: DP83826AE DP83826AI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com