Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DP83826AI Datasheet(PDF) 52 Page - Texas Instruments

No. de pieza DP83826AI
Descripción Electrónicos  DP83826Ax Deterministic, Low-Latency, Low-Power, 10/100 Mbps, Industrial Ethernet PHY
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI2 [Texas Instruments]
Página de inicio  https://www.ti.com
Logo TI2 - Texas Instruments

DP83826AI Datasheet(HTML) 52 Page - Texas Instruments

Back Button DP83826AI Datasheet HTML 48Page - Texas Instruments DP83826AI Datasheet HTML 49Page - Texas Instruments DP83826AI Datasheet HTML 50Page - Texas Instruments DP83826AI Datasheet HTML 51Page - Texas Instruments DP83826AI Datasheet HTML 52Page - Texas Instruments DP83826AI Datasheet HTML 53Page - Texas Instruments DP83826AI Datasheet HTML 54Page - Texas Instruments DP83826AI Datasheet HTML 55Page - Texas Instruments DP83826AI Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 113 page
background image
Table 8-9. MAC Mode Selection Strap
PIN NAME
STRAP NAME
PIN NO.
DEFAULT
Mode
Function
RX_D2
Strap8
14
0
0
MII MAC mode
1
RMII MAC mode
Table 8-10. MII MAC Mode Strap
PIN NAME
STRAP NAME
PIN NO.
DEFAULT
Mode
Function
RX_D3
Strap7
13
0
0
Fast link-drop disable
1
Fast link-drop enable. Refer to Table 8-5
for FLD strap options.
Table 8-11. RMII MAC Mode Strap
PIN NAME
STRAP NAME
PIN NO.
DEFAULT
Mode
Function
TX_CLK
Strap5
22
0
0
RMII leader mode
1
RMII follower mode
RX_D3
Strap7
13
0
0
RMII_CRS_DV
1
RMII_RX_DV (for RMII repeater mode)
Table 8-12. Auto_Neg Strap
PIN NAME
STRAP NAME
PIN NO.
DEFAULT
Mode
Function
RX_D1
Strap9
15
0
0
auto MDIX enable
1
auto MDIX disable
RX_D0
Strap0
16
0
0
auto-negotiation enable
1
auto negotiation disable. force mode
100M enabled
RX_DV
Strap10
18
0
0
MDIX (applicable only when auto-MDIX is
disabled)
1
MDI (applicable only when auto-MDIX is
disabled)
Table 8-13. CLKOUT/LED1 Bootstrap
PIN NAME
STRAP NAME
PIN NO.
DEFAULT
Mode
Function
RX_ER
Strap6 (Latched at
POR only. HW reset
does not re-latch
this strap)
20
0
0
CLKOUT 25MHz on Pin 31
1
LED1 on Pin 31
Table 8-14. PHY Address Strap
PIN NAME
STRAP NAME
PIN NO.
DEFAULT
Mode
Function
LED0
Strap2
30
0
PHY_ADD0
0
0
1
1
CRS/LED3
Strap3
29
0
PHY_ADD1
0
0
1
1
COL/LED2
Strap4
28
0
PHY_ADD2
0
0
1
1
DP83826AE, DP83826AI
SNLS783 – MAY 2025
www.ti.com
52
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: DP83826AE DP83826AI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com