Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DP83826AI Datasheet(PDF) 29 Page - Texas Instruments

No. de pieza DP83826AI
Descripción Electrónicos  DP83826Ax Deterministic, Low-Latency, Low-Power, 10/100 Mbps, Industrial Ethernet PHY
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI2 [Texas Instruments]
Página de inicio  https://www.ti.com
Logo TI2 - Texas Instruments

DP83826AI Datasheet(HTML) 29 Page - Texas Instruments

Back Button DP83826AI Datasheet HTML 25Page - Texas Instruments DP83826AI Datasheet HTML 26Page - Texas Instruments DP83826AI Datasheet HTML 27Page - Texas Instruments DP83826AI Datasheet HTML 28Page - Texas Instruments DP83826AI Datasheet HTML 29Page - Texas Instruments DP83826AI Datasheet HTML 30Page - Texas Instruments DP83826AI Datasheet HTML 31Page - Texas Instruments DP83826AI Datasheet HTML 32Page - Texas Instruments DP83826AI Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 113 page
background image
event has occurred. The device includes a cycle redundancy check (CRC) gate to prevent invalid packets from
triggering a wake-up event. The Wake-on-LAN feature includes:
• Identification of WoL frames in all supported speeds (100BASE-TX and 10BASE-Te)
• Wake-up interrupt generation upon reception of a WoL frame
• CRC error checking of WoL frames to prevent interrupt generation from invalid frames
• Magic Packet technology with SecureOn password protection
8.3.5.1 Magic Packet Structure
When configured for Magic Packet detection, the DP83826Ax scans all incoming frames addressed to the node
for a specific data sequence. This sequence identifies the frame as a Magic Packet frame.
A Magic Packet frame must also meet the basic requirements for the LAN technology chosen, such as SOURCE
ADDRESS, DESTINATION ADDRESS (which can be the receiving station’s IEEE address or a BROADCAST
ADDRESS), and CRC.
The specific Magic Packet sequence consists of 16 duplications of the MAC address of this node, with no breaks
or interruptions, followed by Secure-ON password if security is enabled. This sequence can be located anywhere
within the packet, but must be preceded by a synchronization stream. The synchronization stream is defined as
6 bytes of 0xFF.
DEST (6 bytes)
SRC (6 bytes)
MISC (X bytes, X >= 0)
)) « )) (6 bytes)
DEST * 16
MISC (Y bytes, Y >= 0)
CRC (4 bytes)
MAGIC Pattern
Only if Secure-On is Enabled
Secure-On Password (6 bytes)
Figure 8-1. Magic Packet Structure
8.3.5.2 Magic Packet Example
The following is an example Magic Packet for a Destination Address of 11h 22h 33h 44h 55h 66h and a
SecureOn password 2Ah 2Bh 2Ch 2Dh 2Eh 2Fh:
DESTINATION SOURCE MISC FF FF FF FF FF FF
11 22 33 44 55 66 11 22 33 44 55 66 11 22 33 44 55 66
11 22 33 44 55 66 11 22 33 44 55 66 11 22 33 44 55 66
11 22 33 44 55 66 11 22 33 44 55 66 11 22 33 44 55 66
11 22 33 44 55 66 11 22 33 44 55 66 11 22 33 44 55 66
11 22 33 44 55 66 11 22 33 44 55 66 11 22 33 44 55 66
11 22 33 44 55 66 2A 2B 2C 2D 2E 2F MISC CRC
8.3.5.3 Wake-on-LAN Configuration and Status
Wake-on-LAN functionality is configured through the Receive Configuration Register (RXFCFG, address
0x04A0). Wake-on-LAN status is reported in the Receiver Status Register (RXFS, address 0x04A1). The Wake-
www.ti.com
DP83826AE, DP83826AI
SNLS783 – MAY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: DP83826AE DP83826AI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com