| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DP83826AI Datasheet(PDF) 47 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
DP83826AI Datasheet(HTML) 47 Page - Texas Instruments |
|
47 / 113 page ![]() Table 8-6. FLD Detection by Strap in BASIC Mode (continued) Strap Configuration RX Error Count MLT3 Error Count Low SNR Threshold Signal/Energy Loss Descrambler Link Loss Strap11 = HIGH Disabled Disabled Disabled Enabled Disabled In both modes, FLD can be configured using the Control Register #3 (CR3, register address 0x000B). Bits[3:0] and bit[10] allow for various FLD conditions to be enabled. When link-drop occurs, indication of a particular fault condition can be read from the Fast Link Drop Status Register (FLDS, register address 0x000F). Note Independent enable/disable is available in Control Register #3 (CR3, register address 0x000B) for Rx_Error count, MLT3_Error count, low SNR threshold, signal/energy loss, and descrambler link loss. MLT3 error count, low SNR threshold, and descrambler link loss must be enabled with Signal/Energy loss or Rx_Error count enabled. First Link Failure Occurrence Valid Link Low Quality Data / Link Loss Link Loss Indication (Link LED) Link Drop Figure 8-8. Fast Link-Drop Fast link-drop criteria include: • RX error count - when a predefined number of 32 RX_ERs occur in a 10μs window, the link is dropped. • MLT3 error count - when a predefined number of 20 MLT3 errors occur in a 10μs window, the link is dropped. To use the MLT3 error based FLD, please configure register Fast Link Drop Config Register 1 (FLDCFG1, register address 0x0117) to 0x0417. • Low SNR threshold - when a predefined number of 20 threshold crossings occur in a 10μs window, the link is dropped. • Signal/energy loss - when the energy detector indicates energy loss, the link is dropped. • Descrambler link loss - when the Descrambler loses lock, the link is dropped. To use the Descrambler link loss based FLD, please configure bits[5:0] of Fast Link Drop Config Register 2 (FLDCFG2, register address 0x0131) to 0x08. The fast link-drop functionality allows the use of each of these options separately or in any combination. www.ti.com DP83826AE, DP83826AI SNLS783 – MAY 2025 Copyright © 2025 Texas Instruments Incorporated Submit Document Feedback 47 Product Folder Links: DP83826AE DP83826AI |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |