Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DP83826AI Datasheet(PDF) 32 Page - Texas Instruments

No. de pieza DP83826AI
Descripción Electrónicos  DP83826Ax Deterministic, Low-Latency, Low-Power, 10/100 Mbps, Industrial Ethernet PHY
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI2 [Texas Instruments]
Página de inicio  https://www.ti.com
Logo TI2 - Texas Instruments

DP83826AI Datasheet(HTML) 32 Page - Texas Instruments

Back Button DP83826AI Datasheet HTML 28Page - Texas Instruments DP83826AI Datasheet HTML 29Page - Texas Instruments DP83826AI Datasheet HTML 30Page - Texas Instruments DP83826AI Datasheet HTML 31Page - Texas Instruments DP83826AI Datasheet HTML 32Page - Texas Instruments DP83826AI Datasheet HTML 33Page - Texas Instruments DP83826AI Datasheet HTML 34Page - Texas Instruments DP83826AI Datasheet HTML 35Page - Texas Instruments DP83826AI Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 113 page
background image
10/100Mbps
Ethernet PHY
(RMII Follower Mode)
10/100Mbps
Ethernet PHY
(RMII Follower Mode)
TX_D0
TX_D1
RX_D0
RX_D1
RX_D0
RX_D1
TX_D0
TX_D1
RX_DV
TX_EN
TX_EN
RX_DV
50MHz
Oscillator
XI
XI
Figure 8-3. RMII Repeater Mode: Follower-Follower
8.3.8 Clock Output
The device has several clock output configuration options. An external crystal or CMOS-level oscillator provides
the stimulus for the internal PHY reference clock. The local reference clock acts as the central source for all
clocking within the device.
Clock output options supported by the device include:
• MAC IF clock
• XI clock
• Free-running clock
• Recovered clock
MAC IF clock operates at the same rate as the MAC interface selected. For RMII operation, MAC IF Clock
frequency is 50MHz.
XI clock is a pass-through option, which allows for the XI pin clock to be passed to a GPIO pin. Note that the
clock is buffered prior to transmission out of the GPIOs, and output clock amplitude is at the selected VDDIO
level. This clock is available on CLK_OUT/LED1 pin by default after POR release (Refer to T4 in Power-Up
Timing).
The Free-running clock is an internally generated 125MHz free-running clock generated by the PLL. The free-
running clock is useful for asynchronous data transmission applications.
The recovered clock is a 125MHz recovered clock that is recovered from the connected link partner. The PHY
recovers the clock from the data received (transmitted from the link partner).
All clock configuration options are enabled using the LED GPIO configuration registers.
CLKOUT can be disabled by configuring this pin as an input pin via register configuration, register 0x304[2:0].
DP83826AE, DP83826AI
SNLS783 – MAY 2025
www.ti.com
32
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: DP83826AE DP83826AI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com